Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8045ARDZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD8045ARDZ
Description  3 nV/?숰z, Ultralow Distortion, High Speed Op Amp
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8045ARDZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8045ARDZ Datasheet HTML 18Page - Analog Devices AD8045ARDZ Datasheet HTML 19Page - Analog Devices AD8045ARDZ Datasheet HTML 20Page - Analog Devices AD8045ARDZ Datasheet HTML 21Page - Analog Devices AD8045ARDZ Datasheet HTML 22Page - Analog Devices AD8045ARDZ Datasheet HTML 23Page - Analog Devices AD8045ARDZ Datasheet HTML 24Page - Analog Devices AD8045ARDZ Datasheet HTML 25Page - Analog Devices AD8045ARDZ Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Data Sheet
AD8045
Rev. B | Page 21 of 24
CH1
M4.00ns
A CH1
0.00V
1
50.0mV
Figure 71. Small Signal Transient Response of 90 MHz LPF
CH1
M4.00ns
A CH1
0.00V
1
500mV
Figure 72. Large Signal Transient Response of 90 MHz LPF
U1
C1
7.1pF
C2
7.1pF
R1
249
Ω
RT
49.9
Ω
R2
249
Ω
R3
499
Ω
R5
249
Ω
R4
499
Ω
C5
5pF
R9
24.9
Ω
RT
49.9
Ω
INPUT
–5V
+5V
0.1
µF
0.1
µF
10
µF
10
µF
U1
C3
7.1pF
C4
7.1pF
R6
249
Ω
R8
499
Ω
R7
499
Ω
–5V
+5V
0.1
µF
0.1
µF
10
µF
10
µF
OUTPUT
Figure 73. 4-Pole, 90 MHz, Sallen-Key Low-Pass Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com