Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLAD4.100 Datasheet(PDF) 4 Page - PULS GmbH

Part # SLAD4.100
Description  AS-Interface DC/DC converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

SLAD4.100 Datasheet(HTML) 4 Page - PULS GmbH

  SLAD4.100 Datasheet HTML 1Page - PULS GmbH SLAD4.100 Datasheet HTML 2Page - PULS GmbH SLAD4.100 Datasheet HTML 3Page - PULS GmbH SLAD4.100 Datasheet HTML 4Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Your partner in power supply:
European
Power Supply
Manufacturers
Association
PULS GmbH
Arabellastraße 15
D-81925 München
Tel.: +49 89 9278-0
www.puls-power.com
Fax: +49 89 9278-199
SLAD4.100
Data sheet
4/ 4
slad4e100 / 071026
Bayerns Best 50
Czech 100 Best
Europe’s 500
Functional diagrams
Fig. 6 Derating
Fig. 4 Efficiency
Fig. 2 Start behaviour
Fig. 3 Output characteristic
Fig. 5 Losses
Unless otherwise stated, specifications are valid for
DC 24V input voltage, +25°C ambient temperature, and 5 min. run-in time. They are subject to change without prior notice.
V
IN
P
OUT
Rated input range
Efficiency
0.5
86
88
90
85
91%
4A
13
Output Current
2
87
89
1.5
2.5
4.5
Power Losses
01
3
4A
0
3
9
15
18W
Output Current
6
2
12
0
-25
0
20
45
70°C
1
2
3
4A
60
Ambient Temperature
Allowable Output
Output Voltage
0
02
4
5
10
15
35V
20
25
30
9A
5
3
1
67
8
Output Current



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com