Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QT20.361 Datasheet(PDF) 4 Page - PULS GmbH

Part # QT20.361
Description  THREE PHASE INPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QT20.361 Datasheet(HTML) 4 Page - PULS GmbH

  QT20.361 Datasheet HTML 1Page - PULS GmbH QT20.361 Datasheet HTML 2Page - PULS GmbH QT20.361 Datasheet HTML 3Page - PULS GmbH QT20.361 Datasheet HTML 4Page - PULS GmbH QT20.361 Datasheet HTML 5Page - PULS GmbH QT20.361 Datasheet HTML 6Page - PULS GmbH QT20.361 Datasheet HTML 7Page - PULS GmbH QT20.361 Datasheet HTML 8Page - PULS GmbH QT20.361 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
QT20.361
Q-Series
36V, 13.3A, THREE PHASE INPUT
Oct. 2006 / Rev. 1.0 DS-QT20.361-EN
All parameters are specified at 36V, 13.3A, 3x400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
6. DC-INPUT
The QT20 series shall not be used with a DC-input voltage without consulting PULS.
Check QTD20.241 for DC-input voltage. (special version for intermediate bus systems, drive systems)
7. INPUT INRUSH CURRENT
An active inrush limitation circuitry limits the input inrush current after turn-on of the input voltage and after short
input voltage interruptions.
The charging current into EMI suppression capacitors is disregarded in the first milliseconds after switch-on.
3AC 400V
3AC 480V
Inrush current
max.
10A
peak
10A
peak
-25°C to +70°C
typ.
3A
peak
3A
peak
-25°C to +70°C
Inrush energy
max.
1A
2s
1A
2s
-25°C to +70°C
Inrush delay
typ.
270ms
220ms
Fig. 7-1 Input inrush current, typical behavior
Input Current
Input Voltage
Output Voltage
A
B
A:
Inrush delay
B:
Start-up delay
Input:
3x400Vac
Output:
36V, 13.3A
Ambient:
25°C
Upper curve:
Input current 2A / DIV
Medium curve: Input voltage 1000V / DIV
Lower curve:
Output voltage 65V / DIV
Time basis:
100ms / DIV
4/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com