Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GFANN-LED Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # GFANN-LED
Description  Agent Release Control Panel
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

GFANN-LED Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  GFANN-LED Datasheet HTML 1Page - Gamewell-FCI by Honeywell GFANN-LED Datasheet HTML 2Page - Gamewell-FCI by Honeywell GFANN-LED Datasheet HTML 3Page - Gamewell-FCI by Honeywell GFANN-LED Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
9021-60467 Rev. D page 2 of 4
www.gamewell-fci.com
Features (Continued)
•
ANN-BUS for connection to optional
(up to 8 total of any of the following):
- GFANN-80 Remote LCD Annunciator
- GFANN-S/PG Printer Module
- GFANN-RLY Relay Module
- GFANN-LED Annunciator Module
•
80-character LCD display (backlit).
•
Real-time clock/calendar w/daylight savings time
control.
•
History Log with 256 event storage.
•
Piezo sounder for alarm, trouble and supervisory.
•
24 volt DC operation.
•
Low AC voltage sense.
•
Outputs Programmable for the following:
- Releasing circuits or NACs
•
NACs programmable for the following:
- Silence Inhibit
- Auto-Silence
- Strobe Synchronization
- Selective Silence (horn-strobe mute)
- Temporal or Steady Signal
- Silenceable or Non-silenceable
- Release Stage Sounder
•
Extensive transient protection.
•
Automatic battery charger with charger supervision.
•
Optional Dress Panel DP-51050 (red).
•
Optional Trim Ring TR-CE (red) for semi-flush
mounting the cabinet.
•
Optional CAC-5X Class A Converter Module for
Outputs and IDCs.
•
Optional 4XTMF Municipal Box Transmitter Module.
•
Optional Digital Alarm Communicators (411, 411UD,
411UDAC).
Programming and Software
The programming software offers the following features:
•
Custom English labels (per point) may be manually
entered or selected from an internal library file.
•
Programmable Abort operation.
•
Three programmable Form-C relay outputs.
•
Pre-programmed and custom application templates.
•
Continuous fire protection during online programming
at the front panel.
•
Program Check automatically catches common errors
not linked to any zone or input point.
User Interface
The user interface features are listed below:
•
Integral 80-character LCD display with backlighting.
•
Real-time clock/calendar with automatic daylight
savings adjustments.
•
ANN-Bus for connection to remote annunciators.
•
Audible or silent walk test capabilities.
•
Piezo sounder for alarm, trouble, and supervisory.
Features (Continued)
Controls and Indicators
The panel provides the following LED Indicators:
•
Fire Alarm (red)
•
Alarm Silenced (yellow)
•
Supervisory (yellow)
•
Discharged (red)
•
Trouble (yellow)
•
Pre-discharge (red
indicator)
•
AC Power (green)
•
Abort (yellow indicator)
Control Buttons
•
Acknowledge
• System Reset (lamp test)
•
Alarm Silence
•
Drill
AC Power – TB1
The AC Power -TB1 for each panel is listed below:
•
GF506R: 120 VAC, 50/60 Hz, 2.3 amps
•
Wire size: minimum #14 AWG (2.0 mm2) with 600V
insulation.
•
Supervised, non power-limited
Battery (sealed lead acid only) – J12:
The Battery (for sealed lead acid only) - J12 specifications
are listed below.
•
Maximum Charging Circuit - Normal Flat Charge:
- 27.6 VDC @ 1.4 amp. Supervised, non power-limited.
•
Maximum Charger Capacity:
- 26 Amp Hour battery (two 18 Amp Hour batteries can
be housed in the FACP cabinet. Larger batteries
require separate battery box such as the BB-26 or
BB-55).
•
Minimum Battery Size:
7 Amp Hour
Initiating Device Circuits - TB4 and TB6
The Initiating Device Circuits for TB4 and TB6
specifications are listed below.
•
Alarm Zones 1 - 5 on TB4
•
Alarm Zone 6 on TB6
•
Supervised and Class 2 Power-Limited circuitry
•
Style B (Class B) wiring with Style D (Class A) option
•
Normal Operating
Voltage:
Nominal 20 VDC
•
Alarm Current:
15 mA minimum
•
Short Circuit Current:
40 mA max
•
Maximum Loop
Resistance:
100 Ohms
•
End-of-Line Resistor:
4.7KOhms, 1/2 watt
(PN 71252)
•
Standby Current:
4 mA
For a list of compatible devices, refer to the Gamewell-FCI
Device Compatibility Document, P/N: 52195.
Notification Appliance and Releasing Circuit(s) -
TB5 and TB7
The notification appliance and releasing circuits for TB5
and TB7 specifications are listed below.
•
Four Output Circuits.
•
Style Y (Class B) or Style Z (Class A) with optional
converter module



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com