Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GFANN-LED Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # GFANN-LED
Description  Agent Release Control Panel
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

GFANN-LED Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  GFANN-LED Datasheet HTML 1Page - Gamewell-FCI by Honeywell GFANN-LED Datasheet HTML 2Page - Gamewell-FCI by Honeywell GFANN-LED Datasheet HTML 3Page - Gamewell-FCI by Honeywell GFANN-LED Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use.
©2013 by Honeywell International Inc. All rights reserved.
www.gamewell-fci.com
9021-60467 Rev. D page 1 of 4
Flex GF506R
Agent Release Control Panel
Reference Certificate
of Compliance
VMA-45894-02C
(Revision 1)
S624
SIGNALING
FM
APPROVED
7165-1703:0171
Features
•
Listed under UL Standard 864, 9th Edition.
•
IBC Seismic Certified.
•
Designed for Agent Releasing NFPA Standards: 12,
12A, 12B, 2001 and 2010.
•
Disable/Enable control per input zone and output zone.
•
Extensive transient protection.
•
Dual hazard operation.
•
Adjustable pre-discharge, discharge and waterflow
delay timers.
•
Cross-zone (double-interlock) capability.
•
Six programmable Style B (Class B) IDCs (Initiating
Device Circuit) with optional Class A wiring.
•
System Sensor i3 series detectors compatible.
•
Four programmable Style Y (Class B) output circuits -
(special application power) with Style Z
(Class A) option.
•
Strobe Synchronization:
- System Sensor
-
Cooper-Wheelock
-Gentex
- Faraday
- Amseco
•
Three programmable Form-C relays.
•
7.0 amps total 24 VDC output current.
•
Resettable and non-resettable output power.
•
Built-in Programmer.
Description
General
The Flex GF506R is a six-zone FACP used for single and
dual hazard agent releasing applications. The Flex
GF506R provides reliable fire detection. It also offers sig-
naling and protection for commercial, industrial, and insti-
tutional buildings that require agent-based releasing. The
Flex GF506R is compatible with System Sensor’s i3 detec-
tors.
The i3 detectors are conventional smoke detectors that
transmit a maintenance trouble signal to the FACP that
indicates the need for cleaning. It also transmits a supervi-
sory ‘freeze’ signal when the ambient temperature falls
below the detector rating of approximately 45°F (7.22°C).
In addition, the Flex GF506R control panel is compatible
with the following conventional input devices:
•
two-wire and four-wire smoke detectors
•
pull stations
•
waterflow devices and tamper switches
•
other normally-open contact devices
For a complete listing of compatible devices, refer to the
Gamewell-FCI Device Compatibility Document,
P/N: 52195.
There are four outputs that are programmable as NACs
(Notification Appliance Circuits) or releasing circuits. Three
programmable Form-C relays (factory programmed for
Alarm, Trouble, and Supervisory), and the 24 VDC special
application resettable and non-resettable power outputs
are included on the main circuit board. The Flex GF506R
supervises all wiring, AC voltage, battery charger, and bat-
tery level.
The activation of a compatible smoke detector or any nor-
mally open fire alarm initiating device will do the following:
•
Turn on audible and visual signaling devices.
•
Light an indicator.
•
Display alarm information on the panel’s LCD.
•
Sound the piezo sounder at the FACP.
•
Activate the FACP alarm relay.
•
Operate an optional module used to notify a remote
station or initiate an auxiliary control function.
i 3™ is a trademark of Honeywell International Inc.
UL® is a registered trademark of Underwriter’s Laboratories Inc.
Flex GF506R


Similar Part No. - GFANN-LED

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
GFANN-LED GAMEWELL-FCI-GFANN-LED Datasheet
71Kb / 4P
Pre-action / Deluge Control Panel
GFANN-LED GAMEWELL-FCI-GFANN-LED Datasheet
61Kb / 2P
5 and 10 Zone Conventional Fire Alarm Control Panels
More results

Similar Description - GFANN-LED

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CST-2825 ETC2-CST-2825 Datasheet
137Kb / 1P
Multi-Purpose Iron Complexing Agent
logo
Systemsensor advanced i...
PDRP-1002 SYSTEMSENSOR-PDRP-1002 Datasheet
931Kb / 44P
Agent Release Control System
logo
Monolithic Power System...
MP201 MPS-MP201 Datasheet
326Kb / 12P
Dying Gasp Storage and Release Control IC
logo
Bourns Electronic Solut...
PTF01-152A-102B1 BOURNS-PTF01-152A-102B1 Datasheet
204Kb / 3P
Panel Control
logo
TALEMA Group. LLC
SFB0160-230-12 TALEMA-SFB0160-230-12 Datasheet
147Kb / 1P
Control Panel Transformers
logo
Monolithic Power System...
MP111 MPS-MP111 Datasheet
366Kb / 13P
Dying Gasp Storage and Release Control IC
MP6302 MPS-MP6302 Datasheet
397Kb / 12P
Energy Storage and Release Control IC
logo
Ultralife Corporation.
UB0009 ULTRALIFE-UB0009 Datasheet
424Kb / 2P
Chemical agent monitors
Rev: F
logo
Schneider Electric
HFNF120IESE020 SCHNEIDER-HFNF120IESE020 Datasheet
90Kb / 1P
Industrial/Control Panel
12-Feb-2023
HFNF120ICSE007 SCHNEIDER-HFNF120ICSE007 Datasheet
79Kb / 3P
Industrial/Control Panel
19-Feb-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com