Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GFANN-LED Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # GFANN-LED
Description  5 and 10 Zone Conventional Fire Alarm Control Panels
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

GFANN-LED Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  GFANN-LED Datasheet HTML 1Page - Gamewell-FCI by Honeywell GFANN-LED Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
9021-60293 Rev. C page 2 of 2
www.gamewell-fci.com
Options:
GFANN-80
Remote annunciator with 80 charac-
ter, backlit LCD which mimics the
FACP display. Also provides status
indicators for AC Power, Alarm, Trou-
ble, Supervisory and Alarm Silenced
conditions. Packed in its
own enclosure.
GFANN-RLY
Relay module provides 10 Form-C
relays. Mounts in FACP.
CAC-5X
Class A conversion module used to
convert Class B (Style B) IDCs to
Class A (Style D) and Class B (Style
Y) NACs to Class A (Style Z). Mounts
in FACP. Two required for GF510.
4XTMF
Transmitter module provides output
for the local energy municipal box
transmitter and the alarm and trouble
reverse polarity. Mounts in FACP.
Specifications
AC Power:
120 VAC, 60Hz, 3.8 A
Supervised, non power-limited
Battery:
Max. charging circuit:
27.6 VDC@ 1.4A
Max. Charger
Capacity:
26 Ah
(two 18 Ah batteries fit inside FACP)
Initiating Device:
Alarm zones 1 - 5 (Flex 505/
Flex 510)
Circuits (IDC):
Alarm zones 6 - 10 (Flex 510 only)
All zones Class B (Style B)
Supervised, Class 2 Power-Limited
circuitry
Operating Voltage: nominal 20 VDC
Alarm Current:
15 mA minimum
Short Circuit
Current:
40 mA maximum
Standby Current:
2 mA
Maximum Loop
Resistance:
100 ohms
Notification:
Four NACs, Class B (Style Y)
Circuits (NAC):
Supervised, Class 2, Power-Limited
circuitry
Operating Voltage: nominal 24 VDC
Maximum
Signaling Current: 7.0 A (3.0 A maximum per NAC)
Maximum Wiring
Voltage Drop:
2 VDC
Form-C Relays:
Programmable (factory setting:
Trouble, Alarm, Supervisory)
Contact Ratings:
2 A @ 30 VDC (resistive)
0.5 A @ 30 VAC (resistive)
Resettable
Operating Voltage: nominal 24 VDC
Power:
Class 2 Power-Limited circuitry
Maximum
Available Current: 500 mA
Non-Resettable
Operating Voltage: nominal 24 VDC
Power:
Class 2 Power-Limited circuitry
Maximum
Available Current:
500 mA
Remote Sync:
24 VDC nominal, max. current: 40 mA
Cabinet-Door:
19.3" x 16.8" x 0.3" (
49 x 43 x 1 cm)
Backbox:
19" x 16.6" x 5.2"
(48 x 42 x13 cm)
Features (Continued)
•
Panel LED annunciating indicators (visible to public)
- Fire Alarm (red)
- AC Power (green)
- Supervisory (yellow)
- Trouble (yellow)
- Alarm Silenced (yellow)
•
Local FACP piezo sounder differentiates Alarm,
Trouble, Maintenance, and Supervisory.
•
Membrane key panel (visible when panel door open):
- 25 keys, including a 16 alpha-numeric keypad.
- Function: ACK/STEP, SILENCE, DRILL, RESET.
- Service/programming: phone keys, cursor, enter, etc.
•
256 Event History Log.
•
24 volt operation with low AC voltage sense.
•
Automatic battery charger with supervision.
•
Built-in FLPS-7 power supply (7.0 A total current).
•
Silent or audible walk test capabilities.
•
Alarm verification and positive alarm sequence (PAS).
•
Piezo sounder for Alarm, Trouble, and Supervisory.
•
Built-in 4-conductor communication bus (ANN-BUS) to
connect remote annunciators, and printer, LED, and
relay modules.
•
Optional trim ring.
Ordering Information
GF505
Flex 505 conventional FACP, 5 zones,
120 VAC, w/ FLPS-7 power supply, red
GF510
Flex 510 conventional FACP, 10 zones,
120 VAC, w/ FLPS-7 power supply, red
71252
EOL resistor, 4.7K ohm, ½ watt
53164
GF505 & GF510 Series I/O Manual
Options:
GFANN-80
Remote annunciator, LCD, red
GFANN-80W
Remote annunciator, LCD, white
GFANN-LED
LED annunciator module;
yellow and red LEDs
GFANN-RLY
Relay module, 10 Form-C relays
CAC-5X
Class A converter for IDCs & NACs
(2 for Flex 510)
4XTMF
Transmitter module for remote station
output or municipal box connection
TR-CE
Trim ring for semi-flush mount, red
ANN-SB80KIT-R Backbox kit, surface mount used with
ANN-80, red
ANN-
SB80KIT-W Backbox kit, angled for better viewing,
surface mount used with the N-ANN-80
(-W), white
ANN-MBRLY
Optional mounting bracket (ANN-RLY)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com