Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GFANN-LED Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # GFANN-LED
Description  5 and 10 Zone Conventional Fire Alarm Control Panels
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

GFANN-LED Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  GFANN-LED Datasheet HTML 1Page - Gamewell-FCI by Honeywell GFANN-LED Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use.
©2013 by Honeywell International Inc. All rights reserved.
www.gamewell-fci.com
9021-60293 Rev. C page 1 of 2
Flex Series
GF505 and GF510
5 and 10 Zone Conventional
Fire Alarm Control Panels
Reference Certificate
of Compliance
VMA-45894-02C
(Revision 1)
SIGNALING
S1869
APPROVED
FM
MEA
Approve
d
7165-1703:0166
Description
i 3™ is a trademark of Honeywell International Inc.
UL® is a registered trademark of Underwriter’s Laboratories Inc.
The Flex 505 is a five zone fire alarm control panel (FACP)
and the Flex 510 is a ten zone FACP. These combination
control and digital communicator panels provide reliable
fire signaling protection for medium sized commercial,
industrial and institutional buildings.
Initiating device circuits (IDCs) for Flex Series panels are
programmable and operate in Class B (Style B). Each
panel is compatible with conventional input devices such
as two-wire smoke detectors, four-wire smoke detectors,
pull stations, water flow devices, tamper switches and
other normally-open contact devices. This includes System
Sensor i3™ Series microprocessor-based detectors with
advanced features like drift compensation, maintenance
alert and freeze warning. (See the Gamewell-FCI Device
Compatibility Document, P/N 52195, for a listing of com-
patible devices).
Outputs include four notification appliance circuits (NACs),
three programmable Form-C relays (factory pre-set for
Alarm, Trouble and Supervisory), and resettable and non
resettable power (24 VDC) for special applications. NACs
are power limited and operate in Class B (Style Y). The
FACP supervises wiring, AC voltage and battery level.
A variety of optional devices can be connected to the built-
in ANN-BUS 4-conductor communication circuit. These
include: remote annunciators, a printer interface module,
LED driver module, and relay module.
Activation of a compatible smoke detector or any normally-
open fire alarm initiating device will activate audible and
visual signaling devices, illuminate an indicating LED, dis-
play message on LCD display, sound the piezo sounder at
the FACP, activate the FACP alarm relay and operate and
optional modules used to notify a remote station or initiate
an auxiliary control function.
Both the Flex 505 and Flex 510 fire alarm control panel are
listed to UL® Standard 864, 9th Edition.
Features
•
IBC Seismic Certified.
•
Class B (Style B) initiating device circuits (IDCs):
- Flex 505 - five programmable IDCs
- Flex 510 - ten programmable IDCs
•
Built-in digital alarm communicator/transmitter (DACT).
•
Four Class B (Style Y) notification appliance circuits
(NACs) programmable for the following:
- ADA compliant strobe synchronization
- Selective silence (horn/strobe mute)
- Temporal or steady signal
- Silenceable or non-silenceable
- Auto-silence and silence inhibit
•
Three programmable Form-C relays.
•
24 VDC special application power outputs (resettable
and non-resettable).
•
Optional Class A converter module for NACs and IDCs
(model CAC-5X).
•
Optional transmitter module for municipal box service
and reverse polarity (model 4XTMF).
•
Completely field programmable at keypad
- does not require special software or extra equipment
- two password protected programming levels
•
80-character, backlit, high-angle, LCD display.
continued on next page
GF510


Similar Part No. - GFANN-LED

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
GFANN-LED GAMEWELL-FCI-GFANN-LED Datasheet
71Kb / 4P
Pre-action / Deluge Control Panel
GFANN-LED GAMEWELL-FCI-GFANN-LED Datasheet
70Kb / 4P
Agent Release Control Panel
More results

Similar Description - GFANN-LED

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
GWF402 HONEYWELL-GWF402 Datasheet
72Kb / 2P
2 and 4 Zone Conventional Fire Alarm Control Panels
logo
Gamewell-FCI by Honeywe...
FC-73 GAMEWELL-FCI-FC-73 Datasheet
538Kb / 4P
Fire Alarm Control Panel
FLEX4 GAMEWELL-FCI-FLEX4 Datasheet
147Kb / 4P
Conventional Fire Alarm Control Panels
F402 GAMEWELL-FCI-F402 Datasheet
73Kb / 2P
Two-Zone Fire Alarm Control Panel
F404 GAMEWELL-FCI-F404 Datasheet
80Kb / 2P
Four-Zone Fire Alarm Control Panel
M46-SL GAMEWELL-FCI-M46-SL Datasheet
219Kb / 2P
Conventional Fire Alarm Pull Stations
logo
List of Unclassifed Man...
521BXT ETC2-521BXT Datasheet
256Kb / 2P
Conventional Fire Alarms
540501MED-0842X ETC2-540501MED-0842X Datasheet
189Kb / 1P
fire alarm markets leading conventional sounder
logo
Gamewell-FCI by Honeywe...
GWF402 GAMEWELL-FCI-GWF402 Datasheet
67Kb / 2P
Two and Four Zone Conventional Fire Alarm Control Panels
logo
List of Unclassifed Man...
MS9200 ETC1-MS9200 Datasheet
446Kb / 4P
Addressable Fire Alarm Control Panel
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com