Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC2001ACM5 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC2001ACM5
Description  High Precision, 6MHz Rail-To-Rail Output Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC2001ACM5 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMC2001ACM5 Datasheet HTML 1Page - National Semiconductor (TI) LMC2001ACM5 Datasheet HTML 2Page - National Semiconductor (TI) LMC2001ACM5 Datasheet HTML 3Page - National Semiconductor (TI) LMC2001ACM5 Datasheet HTML 4Page - National Semiconductor (TI) LMC2001ACM5 Datasheet HTML 5Page - National Semiconductor (TI) LMC2001ACM5 Datasheet HTML 6Page - National Semiconductor (TI) LMC2001ACM5 Datasheet HTML 7Page - National Semiconductor (TI) LMC2001ACM5 Datasheet HTML 8Page - National Semiconductor (TI) LMC2001ACM5 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AC Electrical Characteristics
T
J = 25˚C, V
+ = 5V, V - = 0V, V
CM = 2.5V, VO = 2.5V, and RL > 1MΩ.
Symbol
Parameter
Conditions
Typ
(Note 5)
Units
SR
Slew Rate
A
V = +1, Vin=3.5Vpp
5
V/µs
GBW
Gain-Bandwidth Product
6
MHz
θ
m
Phase Margin
75
Deg
G
m
Gain Margin
12
dB
e
n
Input-Referred Voltage Noise
f = 0.1Hz
85
nV/
e
np-p
Input-Referred Voltage Noise
R
S = 100Ω, DC to 10Hz
1.6
µVpp
i
n
Input-Referred Current Noise
f = 0.1Hz
180
fA/
THD
Total Harmonic Distortion
f = 1kHz, Av = -2
R
L = 10kΩ,VO = 4.5Vpp
0.02
%
trec
Input Overload Recovery Time
50
ms
T
S
Output Settling time
(Note 10) A
V= +1, 1V step
1%
250
ns
0.1%
400
0.01%
3200
(Note 10)A
V= −1, 1V step
1%
80
0.1%
860
0.01%
1400
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is in-
tended to be functional, but specific performance is not guaranteed. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: Human body model, 1.5k
Ω in series with 100pF. Machine model, 200Ω in series with 100pF.
Note 3: Output currents in excess of ±30mA over long term may adversely affect reliability.
Note 4: The maximum power dissipation is a function of TJ(max), θ JA, and TA. The maximum allowable power dissipation at any ambient temperature is PD =(TJ(max)
-TA)/θ JA. All numbers apply for packages soldered directly onto a PC board.
Note 5: Typical values represent the most likely parametric norm.
Note 6: All limits are guaranteed by testing or statistical analysis, unless otherwise noted.
Note 7: V+ =5V, VCM = 2.5V, and RL connected to 2.5V. For Sourcing tests, 2.5V ≤ VO ≤ 4.8V. For Sinking tests, 0.2V ≤ V O ≤ 2.5V.
Note 8: Guaranteed Vos Drift is based on 280 devices operated for 1000 hrs at 150˚C (equivalent to 30 years 55ºC).
Note 9: Guaranteed by design only.
Note 10: Settling times shown correspond to the worse case (positive or negative step) and does not include slew time. See the Application Note section for test
schematic.
Note 11: The limits are set by the accuracy of high speed automatic test equipment. For the typical VOS distribution, see the curve on page 4.
Note 12: Precision bench measurement of more than 300 units. More than 65% of units had less than 15nV /˚C VOS drift.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com