Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC2001ACM5 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC2001ACM5
Description  High Precision, 6MHz Rail-To-Rail Output Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC2001ACM5 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMC2001ACM5 Datasheet HTML 1Page - National Semiconductor (TI) LMC2001ACM5 Datasheet HTML 2Page - National Semiconductor (TI) LMC2001ACM5 Datasheet HTML 3Page - National Semiconductor (TI) LMC2001ACM5 Datasheet HTML 4Page - National Semiconductor (TI) LMC2001ACM5 Datasheet HTML 5Page - National Semiconductor (TI) LMC2001ACM5 Datasheet HTML 6Page - National Semiconductor (TI) LMC2001ACM5 Datasheet HTML 7Page - National Semiconductor (TI) LMC2001ACM5 Datasheet HTML 8Page - National Semiconductor (TI) LMC2001ACM5 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Typical Performance Characteristics
T
A=25C, VS= 5V unless otherwise specified.
V
OS Distribution
DS100058-63
V
OS vs VS
DS100058-91
V
OS vs VCM
DS100058-97
+I
IN vs VCM
DS100058-68
−I
INvs VCM
DS100058-A4
e
N vs Frequency
DS100058-A0
CMR vs V
CM
DS100058-92
CMR vs Frequency
DS100058-65
PSR vs Frequency
DS100058-66
V
OUT
+ vs V
S
DS100058-89
V
OUT
+ vs V
S
DS100058-88
V
OUT
− vs V
S
DS100058-99
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com