Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XT40.481 Datasheet(PDF) 3 Page - PULS GmbH

Part # XT40.481
Description  THREE-PHASE INPUT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

XT40.481 Datasheet(HTML) 3 Page - PULS GmbH

  XT40.481 Datasheet HTML 1Page - PULS GmbH XT40.481 Datasheet HTML 2Page - PULS GmbH XT40.481 Datasheet HTML 3Page - PULS GmbH XT40.481 Datasheet HTML 4Page - PULS GmbH XT40.481 Datasheet HTML 5Page - PULS GmbH XT40.481 Datasheet HTML 6Page - PULS GmbH XT40.481 Datasheet HTML 7Page - PULS GmbH XT40.481 Datasheet HTML 8Page - PULS GmbH XT40.481 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
XT40.481, XT40.482
– X-Series
48V, 20A, THREE-PHASE INPUT
Jan. 2007 / Rev. 1.0 DS-XT40.48x-EN All parameters are specified at 48V 20A, 3x400Vac (XT40.481) or 3x480Vac (XT40.482),
25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
3/20
5. AC-INPUT
XT40.481
XT40.482
AC input
nom.
3AC 400V
3AC 480V
Mains arrangement
TN-, TT- or IT-Mains
consult factory if one phase is earthed
AC input range
min.
3x 360-440Vac 3x 432-528Vac fully regulated output (±2%), Pout > 48W
min.
3x 300-460Vac
*)
3x 360-552Vac
*)
permanently allowed,
see Fig. 5-1 for output voltage regulation
max.
3x 475Vac
3x 565Vac
Absolute maximum input voltage with no
damage to the power supply. Output
might be off at this level.
Input frequency
nom.
50 – 60Hz
50 – 60Hz
±6%
Turn-on voltage
typ.
3x 325Vac
3x 390Vac
see Fig. 5-2
Shut-down voltage
typ.
3x 295Vac
3x 355Vac
see Fig. 5-2
Input current
nom.
1.65A
1.4A
at 20A, symmetrical input, see Fig. 5-4
Power factor **)
typ.
0.93
0.93
at 20A, symmetrical input, see Fig. 5-5
Turn-on overshoot
typ.
1000mV
1000mV
see Fig. 5-3
Start-up delay ***)
typ.
400ms
350ms
over the entire load range, see Fig. 5-3
Rise time
typ.
40ms
40ms
0mF, 20A, see Fig. 5-3
typ.
70ms
70ms
20mF, 20A, see Fig. 5-3
*)
A minimum voltage of 3x340Vac (XT40.481) or 3x408Vac (XT40.482) is required to turn the power supply on.
**)
The power factor is the ratio of the true (or real) power to the apparent power in an AC circuit.
***)
The start-up delay for mains voltage interruptions up to 350ms is close to zero. In such cases, the power supply will
immediately generate the output voltage once the mains voltage interruption is over. Do not use the buffer module
UF20.481 as an accessory when longer mains interruptions need to be bridged (see chapter 24).
Input Voltage Range
Fig. 5-1 Output voltage vs. input voltage and input current
Changes of the input voltage will be fully
regulated
within
certain
limits.
The
output voltage will only start to change
proportionally to the input voltage with
extreme under or over-voltages. The
yellow LED reports an input voltage
problem if exceeded by a window of
±15%. The maximum increase of the
output voltage is limited to the 57.2V
OVP
level.
This
level
will
be
kept
regulated for 2s before the power supply
will shut down and reports “Shut-down”
by the red LED.
48V
40V
52V
44V
420
340
480Vac
320
504
456
576Vac
384
XT40.481:
VOUT
VIN
XT40.482:
400
360 380
440
480
460
300
56V
528 552
432
408
360
POUT > 48W (>5%)
POUT = 0W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com