Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XT40.481 Datasheet(PDF) 7 Page - PULS GmbH

Part # XT40.481
Description  THREE-PHASE INPUT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

XT40.481 Datasheet(HTML) 7 Page - PULS GmbH

Back Button XT40.481 Datasheet HTML 3Page - PULS GmbH XT40.481 Datasheet HTML 4Page - PULS GmbH XT40.481 Datasheet HTML 5Page - PULS GmbH XT40.481 Datasheet HTML 6Page - PULS GmbH XT40.481 Datasheet HTML 7Page - PULS GmbH XT40.481 Datasheet HTML 8Page - PULS GmbH XT40.481 Datasheet HTML 9Page - PULS GmbH XT40.481 Datasheet HTML 10Page - PULS GmbH XT40.481 Datasheet HTML 11Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
XT40.481, XT40.482
– X-Series
48V, 20A, THREE-PHASE INPUT
Jan. 2007 / Rev. 1.0 DS-XT40.48x-EN All parameters are specified at 48V 20A, 3x400Vac (XT40.481) or 3x480Vac (XT40.482),
25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
7/20
9. EFFICIENCY AND POWER LOSSES
XT40.481
XT40.482
Efficiency
typ.
96.0%
96.0%
20A
Power losses
typ.
40.0W
40.0W
20A
typ.
18.2W
18.2W
0A
Fig. 9-1 Efficiency vs. output current
Fig. 9-2 Losses vs. output current
Efficiency
2.5
5
20A
88
89
90
91
92
93
94
95
96%
7.5
10
12.5
15
17.5
Output Current
Power Losses
02
46
8 10 12 14
20A
0
10
20
30
40
50W
16 18
Output Current
Fig. 9-3 Efficiency vs. input voltage, 48V, 20A
Fig. 9-4 Losses vs. input voltage, 48V, 20A
Efficiency
350
400
450
500 3x550
Vac
95.0
95.2
95.4
95.6
Input Voltage
95.8
96.0
96.2%
XT40.481
XT40.482
Power Losses
350
400
450
500 3x550
Vac
35
37
39
41
Input Voltage
43
45
47W
XT40.481
XT40.482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com