Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6009 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6009
Description  9 Channel Buffer Amplifier for TFT-LCD
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6009 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMC6009 Datasheet HTML 1Page - National Semiconductor (TI) LMC6009 Datasheet HTML 2Page - National Semiconductor (TI) LMC6009 Datasheet HTML 3Page - National Semiconductor (TI) LMC6009 Datasheet HTML 4Page - National Semiconductor (TI) LMC6009 Datasheet HTML 5Page - National Semiconductor (TI) LMC6009 Datasheet HTML 6Page - National Semiconductor (TI) LMC6009 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Block Diagram
Applications
The LMC6009 is useful for buffering the nine reference volt-
ages for gamma correction in a TFT-LCD as shown in
Figure 7. The A/B channel inputs allow the user to alternate
two sets of gamma references to compensate for asymmetri-
cal Gamma characteristic during Row Inversion. The
LMC6009 eliminates the need for nine external switches or
an 18-to-9 multiplexer.
Since the buffers in the LMC6009 draw extremely low bias
current (1.5 µA max), large resistance values can be used in
the reference voltage string. This allows the power dissipa-
tion in the gamma reference circuit to be minimized. The
nine buffers are guaranteed to deliver 80 mA to the load, al-
lowing the pixel voltages of the TFT-LCD to settle very
quickly.
DS012533-8
FIGURE 6. Block Diagram of LMC6009
www.national.com
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com