Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6009 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6009
Description  9 Channel Buffer Amplifier for TFT-LCD
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6009 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  LMC6009 Datasheet HTML 1Page - National Semiconductor (TI) LMC6009 Datasheet HTML 2Page - National Semiconductor (TI) LMC6009 Datasheet HTML 3Page - National Semiconductor (TI) LMC6009 Datasheet HTML 4Page - National Semiconductor (TI) LMC6009 Datasheet HTML 5Page - National Semiconductor (TI) LMC6009 Datasheet HTML 6Page - National Semiconductor (TI) LMC6009 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Applications (Continued)
Example: Below is a calculation of pixel charge time (for a
black to black transition) in a VGA display operating at a ver-
tical refresh rate of 60 Hz, with a panel capacitance of 50 pF
per sub-pixel:
A full black to black transition represents the maximum
charging time for the panel, since it requires that the panel
capacitance be driven by a 4V swing from node V
REF1
(
Figure 7).
Total capacitive load presented to the LMC6009 is
C
L = 50 pFx3x640 = 96 nF
Output current of the LMC6009 is:
I
SC = 80 mA
Hence, slew time t
SLEW = (96 nF x 4V)/80 mA = 3.07 µs
The total line time for a VGA system is approximately 34 µs.
Therefore, the LMC6009 easily meets the drive require-
ments for the application. The input resistance seen between
the V
REFn and VREF(n+1) inputs, (where n = 0 thru 8) of the
Column Driver (
Figure 7) also draw current from the
LMC6009. Thus, the actual current available for charging the
panel capacitance is:
Ipx = 80 mA - (V
VREF1–VVREF2)/RCD
where
V
V REFn = Voltage at node VREFn,
V
VREF(n+1) = Voltage at node VREF(n+1), and
R
CD = Column driver input resistance between
VREFn and VREF(n+1)
Since the LMC6009 is capable of sourcing 80 mA, the pixel
charging time is primarily limited only by the length of the
R
CD.CL time constant. To implement a high quality display,
column drivers that allow the shortest possible time constant
(lower values of R
CD) are desirable. However, lower values
of R
CD result in increased system quiescent power dissipa-
tion. It is therefore important to optimize system performance
by carefully considering speed vs power tradeoffs.
DS012533-7
FIGURE 7.
www.national.com
6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com