Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS7410-CQ Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS7410-CQ
Description  CD/MP3/WMA Audio Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7410-CQ Datasheet(HTML) 1 Page - Cirrus Logic

  CS7410-CQ Datasheet HTML 1Page - Cirrus Logic CS7410-CQ Datasheet HTML 2Page - Cirrus Logic CS7410-CQ Datasheet HTML 3Page - Cirrus Logic CS7410-CQ Datasheet HTML 4Page - Cirrus Logic CS7410-CQ Datasheet HTML 5Page - Cirrus Logic CS7410-CQ Datasheet HTML 6Page - Cirrus Logic CS7410-CQ Datasheet HTML 7Page - Cirrus Logic CS7410-CQ Datasheet HTML 8Page - Cirrus Logic CS7410-CQ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 2002
(All Rights Reserved)
Cirrus Logic, Inc.
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
CS7410
CD/MP3/WMA Audio Controller
Features
l Super on-chip Integration for low cost and low count bill of
materials
l 32-Bit RISC Processor performs audio decode and system
management functions
l 16-bit DSP for audio special effects
l 80 Kbytes internal SRAM, and 256 Kbytes internal ROM
l Interfaces to external SDRAM or EDO DRAM (for shock
protection), and to external ROM/FLASH (for custom
program storage)
l CD serial interface with advanced pattern matching and
software error handling
l Integrated DAC functionality
l Simultaneous 4 channels PCM audio output and IEC-958
output.
l Large number of GPIO pins for servo control, key scan, LCD
control, etc.
l Three serial control/status ports
l Sophisticated clock management and low power
consumption
l Supports ISO9660 and multi-session write methods
l Low power 0.18 micron technology
l 100-pin MQFP package
l 100-pin LQFP package
Description
The CS7410 is a true system-on-a-chip for the CD-
based digital audio market. With a powerful RISC pro-
cessor, one DSP, integrated audio
∆Σ modulator, large
internal SRAM and program ROM, and glueless inter-
face to popular CD chip sets, the CS7410 is a complete
single chip low-power programmable audio decoder.
This powerful architecture is easily capable of MP3,
WMA, and other future audio formats. The CS7410’s
flexible architecture and low power consumption make it
an ideal low-cost solution for a wide range of player ap-
plications. For portable audio systems, the memory
interface can be used to add DRAM or SRAM for Elec-
tronic Shock Protection (ESP). A flexible set of interfaces
are available for end-user I/O such as a keypad and LCD
control for use in mass market CD players, boom boxes,
and shelf-top systems.
ORDERING INFORMATION
CS7410-CM
0° to 70° C
100-pin MQFP
CS7410-CQ
0° to 70° C
100-pin LQFP
Audio
Interface
∆Σ Modulator
PCM Out
IEC-958
X,Y Data
memory
CPU / MAC
Instruction
Cache
80 KB
Internal
SRAM
256 KB
Internal
ROM
DRAM
Control
Mini
DMA
ROM/SRAM
Control
Flash
Control
Memory Controller
Register
Bank
System Miscellaneous
Clock
Control
Timers
Get Bits
Data
Cache
Instruction
Cache
CPU
MAC
CD
Interface
PLL
Control
FIFO
External Interface
2-Wire Debug Interface
3/4 Wire Serial
Programmable I/O
PWM Out
RISC-32
DSP-16
JUL ‘02
DS553PP1


Similar Part No. - CS7410-CQ

ManufacturerPart #DatasheetDescription
logo
HUAJING MICROELECTRONIC...
CS740 HUAJING-MICRO-CS740 Datasheet
350Kb / 10P
Silicon N-Channel Power MOSFET
2015V01
logo
List of Unclassifed Man...
CS740026 ETC-CS740026 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS740060 ETC-CS740060 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS740075 ETC-CS740075 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS740090 ETC-CS740090 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
More results

Similar Description - CS7410-CQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VS1003 ETC-VS1003 Datasheet
456Kb / 57P
MP3 / WMA AUDIO CODEC
VS1033 ETC1-VS1033 Datasheet
556Kb / 70P
MP3/AAC/WMA/MIDI AUDIO CODEC
VS1033C ETC2-VS1033C Datasheet
584Kb / 74P
MP3/AAC/WMA/MIDI AUDIO CODEC
VS1053B ETC2-VS1053B Datasheet
689Kb / 79P
Ogg Vorbis/MP3/AAC/WMA/MIDI AUDIO CODEC
logo
Princeton Technology Co...
PT8406 PTC-PT8406 Datasheet
161Kb / 3P
MP3/WMA Decoder IC
PT8405 PTC-PT8405_10 Datasheet
161Kb / 3P
MP3/WMA Decoder and MP3 Encoder IC
PT8406 PTC-PT8406_10 Datasheet
161Kb / 3P
MP3/WMA Decoder IC
logo
Rohm
BU94605AKV ROHM-BU94605AKV Datasheet
1Mb / 84P
AAC/WMA/MP3 SD Memory Card CD-ROMMP3 Record
logo
VLSI Solution Oy
VS1003 VLSI-VS1003 Datasheet
722Kb / 61P
VS1003 - MP3/WMA AUDIO CODEC
Version: 1.09, 2018-03-16
logo
NXP Semiconductors
SAF784X NXP-SAF784X Datasheet
412Kb / 93P
One chip CD audio device with integrated MP3/WMA decoder
Rev. 02 - 9 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com