Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS7410-CQ Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS7410-CQ
Description  CD/MP3/WMA Audio Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7410-CQ Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS7410-CQ Datasheet HTML 29Page - Cirrus Logic CS7410-CQ Datasheet HTML 30Page - Cirrus Logic CS7410-CQ Datasheet HTML 31Page - Cirrus Logic CS7410-CQ Datasheet HTML 32Page - Cirrus Logic CS7410-CQ Datasheet HTML 33Page - Cirrus Logic CS7410-CQ Datasheet HTML 34Page - Cirrus Logic CS7410-CQ Datasheet HTML 35Page - Cirrus Logic CS7410-CQ Datasheet HTML 36Page - Cirrus Logic CS7410-CQ Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
CS7410
DS553PP1
33
4.6
Digital Audio Output Interface
The Digital Audio Output Interface pins are described in Table 13. This is the audio PCM interface that con-
nects to an audio PCM DAC. The sample rate and the size of the samples are programmable to accommo-
date any commercially available DAC. The CS7410 has two data output pins, for up to 4 channels of PCM
output, and a separate output pin to simultaneously output IEC-958 encoded data (either compressed or
uncompressed).
4.7
∆Σ Modulator Interface
The
∆Σ Interface pins are described in Table 14. The CS7410 contains a stereo Delta-Sigma (∆Σ) modula-
tor, which outputs two differential digital signals on four pins. These outputs are design to drive an external
op-amp based integrator circuit (contact Cirrus Logic Applications Engineering for details).
Pin
Signal Name
Type
Description
78
PCM_XCK
B
Audio 256x/384x/512x Clock input or output to Serial DAC.
When output, it’s generated from CS7410 internal PLL.
77
SERVOCK
I
Optional source of Audio 256x/384x/512x Audio Clock. May
be used for CD direct audio to match input and output
clocks.
79
PCM_MUTE
O
Audio Mute control to external DAC. Polarity is programma-
ble and is three-stated at power up.
92
PCM_BCK
O
Audio Bit Clock output to serial DAC. Polarity is programma-
ble.
93
PCM_LRCK
O
Audio Out Left/Right Clock to serial DAC.
94
PCM_DO_0
O
Audio Serial PCM Data Out[0].
95
PCM_DO_1
O
Audio Serial PCM Data Out[1].
96
IEC958_O
O
IEC-958 Output
Table 13. Audio Output Interface
Pin
Signal Name
Type
Description
84
DAC_LP
O
∆Σ left channel, positive output
85
DAC_LN
O
∆Σ left channel, negative output
87
DAC_RP
O
∆Σ right channel, positive output
89
DAC_RN
O
∆Σ right channel, positive output
Table 14.
∆Σ Output Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com