Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT331C Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # PT331C
Description  5MM PHOTOTRANSISTOR T-1 3/4
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PT331C Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  PT331C Datasheet HTML 1Page - Everlight Electronics Co., Ltd PT331C Datasheet HTML 2Page - Everlight Electronics Co., Ltd PT331C Datasheet HTML 3Page - Everlight Electronics Co., Ltd PT331C Datasheet HTML 4Page - Everlight Electronics Co., Ltd PT331C Datasheet HTML 5Page - Everlight Electronics Co., Ltd PT331C Datasheet HTML 6Page - Everlight Electronics Co., Ltd PT331C Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1.3
Page: 5 of 7
Device No:DPT-033-001
Prepared date:07-19-2004
Prepared by:Jaine Tsai
10
10
0
10
10
10
25
50
75
100
10
4
0
0
2
1
6
8
2
3
14
12
4
PT331C
Typical Electro-Optical Characteristics Curves
Fig.5 Collector Dark Current vs.
Fig.6 Collector Current vs.
Ambient Temperature
Collector-Emitter Voltage



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com