Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT331C Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # PT331C
Description  5MM PHOTOTRANSISTOR T-1 3/4
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PT331C Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  PT331C Datasheet HTML 1Page - Everlight Electronics Co., Ltd PT331C Datasheet HTML 2Page - Everlight Electronics Co., Ltd PT331C Datasheet HTML 3Page - Everlight Electronics Co., Ltd PT331C Datasheet HTML 4Page - Everlight Electronics Co., Ltd PT331C Datasheet HTML 5Page - Everlight Electronics Co., Ltd PT331C Datasheet HTML 6Page - Everlight Electronics Co., Ltd PT331C Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1.3
Page: 1 of 7
Device No:DPT-033-001
Prepared date:07-19-2004
Prepared by:Jaine Tsai
Technical Data Sheet
5mm Phototransistor T-1 3/4
PT331C
Features
․Fast response time
․High photo sensitivity
․Pb free
Descriptions
․PT331C is a high speed and high sensitive silicon
NPN epitaxial planar phototransistor in a standard 5Φ
package. Due to is water clear epoxy the device is sensitive
to visible and near infrared radiation.
Applications
․Infrared applied system
․Floppy disk drive
․Optoelectronic switch
Device Selection Guide
Chip
LED Part No.
Material
Lens Color
PT
Silicon
Water Clear


Similar Part No. - PT331C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT3300 TI1-PT3300 Datasheet
252Kb / 4P
30 WATT POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
logo
Princeton Technology Co...
PT3300 PTC-PT3300 Datasheet
140Kb / 4P
3.2W Class-F Audio Power Amplifier
PT3300-HS PTC-PT3300-HS Datasheet
140Kb / 4P
3.2W Class-F Audio Power Amplifier
logo
Texas Instruments
PT3301 TI1-PT3301 Datasheet
252Kb / 4P
30 WATT POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT3301A TI1-PT3301A Datasheet
252Kb / 4P
30 WATT POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
More results

Similar Description - PT331C

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MID-54422 UOT-MID-54422 Datasheet
33Kb / 2P
T-1 3/4 PACKAGE NPN PHOTOTRANSISTOR
MID-54A22 UOT-MID-54A22 Datasheet
29Kb / 2P
T-1 3/4 PACKAGE NPN PHOTOTRANSISTOR
logo
Everlight Electronics C...
PT334-6B EVERLIGHT-PT334-6B Datasheet
179Kb / 8P
5mm Phototransistor,T-1 3/4
May.28.2013
PT333-3C EVERLIGHT-PT333-3C Datasheet
155Kb / 7P
5mm Phototransistor T-1
PT333-3B EVERLIGHT-PT333-3B Datasheet
188Kb / 7P
5mm Phototransistor T-1
2006/01/10
PT334-6B EVERLIGHT-PT334-6B_05 Datasheet
176Kb / 7P
5mm Phototransistor T-1
2005/11/17
PT334-6C EVERLIGHT-PT334-6C_05 Datasheet
166Kb / 7P
5mm Phototransistor T-1 3/4
07-20-2005
PT534-6B EVERLIGHT-PT534-6B Datasheet
185Kb / 7P
5mm Silicon Phototransistor T-1 3/4
2013-06-04
PT1504-6B EVERLIGHT-PT1504-6B Datasheet
168Kb / 7P
5mm Phototransistor T-1 3/4
PT334-6C EVERLIGHT-PT334-6C_09 Datasheet
157Kb / 7P
5mm Phototransistor T-1 3/4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com