Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCR02 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # RCR02
Description  Decoder For Remote Controller With Five Functions
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCR02 Datasheet(HTML) 3 Page - Unisonic Technologies

  RCR02 Datasheet HTML 1Page - Unisonic Technologies RCR02 Datasheet HTML 2Page - Unisonic Technologies RCR02 Datasheet HTML 3Page - Unisonic Technologies RCR02 Datasheet HTML 4Page - Unisonic Technologies RCR02 Datasheet HTML 5Page - Unisonic Technologies RCR02 Datasheet HTML 6Page - Unisonic Technologies RCR02 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
UTCRCR02
CMOS IC
UTC UNISONIC TECHNOLOGIES CO., LTD. 3
QW-R502-001,B
DC ELECTRICAL CHARACTERISTICS(Over the operating rating,TA= -10°C~ +40°C,VDD=4.0V±10%)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNITS
Operating Voltage
VDD
2.5
4.0
5.0
V
Supply Current
IDD
*
3.0
mA
Input Current
IIN
For RDB and LDB pins
60
µA
Input Low Voltage
VIL
For RDB and LDB pins
0.5
V
Input High Voltage
VIH
For RDB and LDB pins
3.5
V
Output High Voltage
VOH
IOUT=400
µA
3.5
V
Output High Current
IOH
VOUT=1.4V
-1.5
mA
Output Low Voltage
VOL
IOUT=1.0mA
0.5
V
Output Low Current
IOL
VOUT=0.5V
1.0
mA
Note*:Output unlosded; 2.2MΩfeedback resistors for the two reversing amplifiers; 200KΩ external resistor for the
on-chip oscillator.
AC ELECTRICAL CHARACTERISTICS(Over the operating rating, TA= -10°C~ +40°C,VDD=4.0V±10%)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNITS
Oscillator Frequency*
Fosc
TA=25
°C,R=200KΩ
102
128
154
KHz
SI Pin Vpp Receive Sensitivity
VSI
Guaranteed Effective Decoding
300
mV
Cycle Time of Function Code
TFUN
FOSC=128KHz
0.75
1
1.25
ms
Cycle Time of Start Code
TSTA
FOSC=128KHz
1.5
2
2.5
ms
Note*:The relative error between the frequencies of the two on-chip oscillators in the RCT02 and RCR02 must be
less than±25%
BIT FORMAT FOR THE RECEIVED SIGNAL (W1 is used for function codes,W2 for start codes)
W1
W1:1KHz 50% Duty Cycle Typical
W2
W2: 500Hz 75% Duty Cycle Typical
WORD FORMAT FOR RECEIVED SIGNAL
Start Code: 4 ' W2
Function Code: n ' W1
1 Word



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com