Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCR02 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # RCR02
Description  Decoder For Remote Controller With Five Functions
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCR02 Datasheet(HTML) 1 Page - Unisonic Technologies

  RCR02 Datasheet HTML 1Page - Unisonic Technologies RCR02 Datasheet HTML 2Page - Unisonic Technologies RCR02 Datasheet HTML 3Page - Unisonic Technologies RCR02 Datasheet HTML 4Page - Unisonic Technologies RCR02 Datasheet HTML 5Page - Unisonic Technologies RCR02 Datasheet HTML 6Page - Unisonic Technologies RCR02 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UTCRCR02
CMOS IC
UTC UNISONIC TECHNOLOGIES CO., LTD. 1
QW-R502-001,B
Decoder For Remote Controller
With Five Functions
DESCRIPTION
The chip can be used with the encoder RCT02 to provide a
complete control functions to the remote-controlled toy. The
RCR02 has five output pins corresponding with the five
function actions i.e, forward, backward, rightward, leftward
and turbo. The received signals are amplified by the
three-stage amplifier, and then the appropriate amplified
signals are sampled, fault-tolerantly checked and decoded to
control the actions of the remote-controlled toy.
There is an internal oscillator in the RCR02.By adding an
external resistor conveniently, the oscillator will be
constructed. The oscillator frequency can be adjusted by the
external resistor.The relative error between the frequencies of
the two on chip oscillators in the RCT02 and RCR02 must be
less than ±25%.
FEATURES
*Five output pins for control functions
*Operating power-supply voltage range: 2.5 to 5.0V
*On-chip reversing amplifiers
*On-chip oscillator with an external resistor
*Low operating current
*Few external components needed
DIP-16
SOP-16
LOGIC BLOCK DIAGRAM
TURBO
OSCI
Oscillator
Timing
Generator
Latch
Decoding
Circuit
Signal Sample
and Fault-
Tolerant Check
Output
Circuit
Amp
Amp
Amp
OSCO
SI
VI1
VI2
VO1
VO2
RIGHT
FORWARD
BACKWARD
LEFT
Control
Logic
LDB
RDB


Similar Part No. - RCR02

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RCR02 UTC-RCR02 Datasheet
198Kb / 7P
DECODER FOR REMOTE CONTROLLER
RCR02G-D16-T UTC-RCR02G-D16-T Datasheet
198Kb / 7P
DECODER FOR REMOTE CONTROLLER
RCR02G-S16-R UTC-RCR02G-S16-R Datasheet
198Kb / 7P
DECODER FOR REMOTE CONTROLLER
RCR02L-D16-T UTC-RCR02L-D16-T Datasheet
198Kb / 7P
DECODER FOR REMOTE CONTROLLER
RCR02L-S16-R UTC-RCR02L-S16-R Datasheet
198Kb / 7P
DECODER FOR REMOTE CONTROLLER
More results

Similar Description - RCR02

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RCT02 UTC-RCT02 Datasheet
148Kb / 11P
Encoder For Remote Controller With Five Functions CMOS IC
logo
Silan Microelectronics ...
TX-2B SILAN-TX-2B Datasheet
133Kb / 10P
REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
Unisonic Technologies
RCR2C UTC-RCR2C Datasheet
129Kb / 7P
DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCT2E UTC-RCT2E Datasheet
119Kb / 6P
ENCODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
Silan Microelectronics ...
TX-2BS SILAN-TX-2BS Datasheet
843Kb / 12P
TOY CAR REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
Unisonic Technologies
RCR2E UTC-RCR2E Datasheet
164Kb / 6P
DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCR02 UTC-RCR02_15 Datasheet
123Kb / 7P
Decoder For Remote Controller With Five Functions
RCR2C UTC-RCR2C_15 Datasheet
215Kb / 8P
Decoder For Remote Controller With Five Functions
RCR2E UTC-RCR2E_15 Datasheet
164Kb / 6P
DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCT6 UTC-RCT6_15 Datasheet
224Kb / 8P
REMOTE CONTROLLER WITH SEVEN FUNCTIONS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com