Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16C2552 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SC16C2552
Description  Dual UART with 16-byte transmit and receive FIFOs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C2552 Datasheet(HTML) 4 Page - NXP Semiconductors

  SC16C2552 Datasheet HTML 1Page - NXP Semiconductors SC16C2552 Datasheet HTML 2Page - NXP Semiconductors SC16C2552 Datasheet HTML 3Page - NXP Semiconductors SC16C2552 Datasheet HTML 4Page - NXP Semiconductors SC16C2552 Datasheet HTML 5Page - NXP Semiconductors SC16C2552 Datasheet HTML 6Page - NXP Semiconductors SC16C2552 Datasheet HTML 7Page - NXP Semiconductors SC16C2552 Datasheet HTML 8Page - NXP Semiconductors SC16C2552 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
Philips Semiconductors
SC16C2552
Dual UART with 16-byte transmit and receive FIFOs
Product data
Rev. 03 — 20 June 2003
4 of 38
9397 750 11636
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
INTA, INTB
34, 17
O
Interrupt A, B (Active-HIGH). This function is associated with individual channel
interrupts, INTA, INTB. INTA, INTB are enabled when MCR bit 3 is set to a logic 1,
interrupts are enabled in the interrupt enable register (IER), and when an interrupt
condition exists. Interrupt conditions include: receiver errors, available receiver buffer
data, transmit buffer empty, or when a modem status flag is detected.
IOR
24
I
Read strobe (Active-LOW). A logic 0 transition on this pin will load the contents of an
internal register defined by address bits A0-A2 onto the SC16C2552 data bus (D0-D7)
for access by external CPU.
IOW20
I
Write strobe (Active-LOW). A logic 0 transition on this pin will transfer the contents of
the data bus (D0-D7) from the external CPU to an internal register that is defined by
address bits A0-A2.
MFA, MFB
35, 19
O
Multi-Function A, B. This function is associated with an individual channel function, ‘A’
or ‘B’. User programmable bits 1-2 of the Alternate Function Register (AFR), selects a
signal function or output on these pins. OP2 (interrupt enable), BAUDOUT, and RXRDY
are signal functions that may be selected by the AFR. These signal functions are
described as follows:
OP2. When OP2 (interrupt output enable function) is selected, the MF pin is a logic 1
when INTA, INTB is set to the 3-State mode (disabled), or a logic 0 when INTA, INTB
is enabled. (See MCR[3].) A logic 1 is the default signal condition that is available
following a master reset or power-up.
BAUDOUT. When BAUDOUT function is selected, the 16
× baud rate clock output is
available at this pin.
RXRDY. RXRDY is primarily intended for monitoring DMA mode 1 transfers for the
receive data FIFOs. A logic 0 indicates there is receive data to read/unload, i.e.,
receive ready status with one or more RX characters available in the FIFO/RHR. This
pin is a logic 1 when the FIFO/RHR is empty or when the programmed trigger level
has not been reached. This signal can also be used for single mode transfers (DMA
mode 0).
RESET
21
I
Reset (Active-HIGH). A logic 1 on this pin will reset the internal registers and all the
outputs. The UART transmitter output and the receiver input will be disabled during
reset time. (See Section 7.11 “SC16C2552 external reset conditions” for initialization
details.)
TXRDYA,
TXRDYB
1, 32
O
Transmit Ready A, B (Active-LOW). These outputs provide the TX FIFO/THR status
for individual transmit channels (A-B). TXRDYn is primarily intended for monitoring
DMA mode 1 transfers for the transmit data FIFOs. An individual channel’s TXRDYA,
TXRDYB buffer ready status is indicated by logic 0, i.e., at least one location is empty
and available in the FIFO or THR. This pin goes to a logic 1 when there are no more
empty locations in the FIFO or THR. This signal can also be used for single mode
transfers (DMA mode 0).
VCC
33, 44
I
Power supply input.
XTAL1
11
I
Crystal or external clock input. Functions as a crystal input or as an external clock
input. A crystal can be connected between this pin and XTAL2 to form an internal
oscillator circuit. Alternatively, an external clock can be connected to this pin to provide
custom data rates. (See Section 6.5 “Programmable baud rate generator”.)
XTAL2
13
O
Output of the crystal oscillator or buffered clock. (See also XTAL1.) Crystal
oscillator output or buffered clock output. Should be left open if an external clock is
connected to XTAL1.
CDA, CDB
42, 30
I
Carrier Detect (Active-LOW). These inputs are associated with individual UART
channels A through B. A logic 0 on this pin indicates that a carrier has been detected by
the modem for that channel.
Table 2:
Pin description…continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com