Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL816 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # GL816
Description  USB 2.0 Flash Card Reader Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL816 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button GL816 Datasheet HTML 7Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 8Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 9Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 10Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 11Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 12Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 13Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 14Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
GL816 – USB 2.0 Flash Card Reader Controller
©2000-2001 Genesys Logic Inc.—All rights reserved.
Page 11
Pin#
Name
I/O
Description
Note
13
D14
B
PCMCIA data 14
14
PCCE1#
B/O
PCMCIA CE1#
pu
15
D15
B
PCMCIA data 15
16
A10
O
PCMCIA address 10
17
PCCE2#
B/O
PCMCIA CE2#
pu
18
OE#
O
PCMCIA OE#
19
PCVS1#
B/I
PCMCIA VS1#
ATAPI DMARQ
20
PVIO1
P
Power (5 / 3.3V) for pin 3-24
21
A11
O
PCMCIA address 11
22
IOR# / RE#
O
PCMCIA IOR# /
SmartMedia RE#
23
A9
O
PCMCIA address 9
24
IOW# / WR#
O
PCMCIA IOW# /
SmartMedia WR#
25
RPU
A
USB resistor pull up
26
AVDD1
P
Analog VDD #1
27
VPF
B
FS D+
28
VPH
B
HS D+
29
VMF
B
FS D-
30
VMH
B
HS D-
31
AGND1
P
Analog GND #1
32
RREF
A
Reference resistor
33
AVDD2
P
Analog VDD #2
34
XI
I
Crystal input
35
XO
B
Crystal input
36
AGND2
P
Analog GND #2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com