Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL816 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # GL816
Description  USB 2.0 Flash Card Reader Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL816 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button GL816 Datasheet HTML 10Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 11Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 12Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 13Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 14Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 15Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 16Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 17Page - List of Unclassifed Manufacturers GL816 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
GL816 – USB 2.0 Flash Card Reader Controller
©2000-2001 Genesys Logic Inc.—All rights reserved.
Page 14
Pin#
Name
I/O
Description
Note
87
A1 / ALE
O
PCMCIA address 1 /
SmartMedia ALE
88
PVIO2
P
Power (3.3 / 5V) for pin 79-108
89
REG#
B/O
PCMCIA REG#
pu
90
A2 / SMWP#
O
PCMCIA address 2 /
SmartMedia WP#
91
A3
O
PCMCIA address 3
92
WAIT#
I/SO
PCMCIA WAIT#
pu
93
A4
O
PCMCIA address 4
94
PCRST
B
PCMCIA RESET
pd
95
A5
O
PCMCIA address 5
96
PCVS2#
B/I
PCMCIA VS2#
pu
97
A6
O
PCMCIA address 6
98
GPIO5
B
GPIO5
odpu
99
GPIO6
B
GPIO6
odpu
100
A7
O
PCMCIA address 7
101
A12
O
PCMCIA address 12 /
ATAPI DMACK#
102
A15
O
PCMCIA address 15
103
A16
O
PCMCIA address 16
104
IREQ#
B/I
PCMCIA IREQ#
pu
105
WE#
O
PCMCIA WE#
106
A14
O
PCMCIA address 14 / MCS0#
107
A13
O
PCMCIA address 13 / MCS1#
108
A8
O
PCMCIA address 8
109
DGND2
P
Digital GND #2
110
DGND3
P
Digital GND #3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com