Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FREQ Datasheet(PDF) 48 Page - fujitsu semiconductor

Part # FREQ
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FREQ Datasheet(HTML) 48 Page - fujitsu semiconductor

Back Button FREQ Datasheet HTML 44Page - fujitsu semiconductor FREQ Datasheet HTML 45Page - fujitsu semiconductor FREQ Datasheet HTML 46Page - fujitsu semiconductor FREQ Datasheet HTML 47Page - fujitsu semiconductor FREQ Datasheet HTML 48Page - fujitsu semiconductor FREQ Datasheet HTML 49Page - fujitsu semiconductor FREQ Datasheet HTML 50Page - fujitsu semiconductor FREQ Datasheet HTML 51Page - fujitsu semiconductor FREQ Datasheet HTML 52Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
48
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
LABELING SAMPLE (Lead free version)
2006/03/01
ASSEMBLED IN JAPAN
G
QC PASS
(3N) 1MB123456P-789-GE1
1000
(3N)2 1561190005 107210
1,000
PCS
0605 - Z01A
1000
1/1
1561190005
MB123456P - 789 - GE1
MB123456P - 789 - GE1
MB123456P - 789 - GE1
Pb
Lead-free mark
JEITA logo
JEDEC logo
The part number of a lead-free product has
the trailing characters "E1".
"ASSEMBLED IN CHINA" is printed on the label
of a product assembled in China.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com