Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FREQ Datasheet(PDF) 50 Page - fujitsu semiconductor

Part # FREQ
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FREQ Datasheet(HTML) 50 Page - fujitsu semiconductor

Back Button FREQ Datasheet HTML 46Page - fujitsu semiconductor FREQ Datasheet HTML 47Page - fujitsu semiconductor FREQ Datasheet HTML 48Page - fujitsu semiconductor FREQ Datasheet HTML 49Page - fujitsu semiconductor FREQ Datasheet HTML 50Page - fujitsu semiconductor FREQ Datasheet HTML 51Page - fujitsu semiconductor FREQ Datasheet HTML 52Page - fujitsu semiconductor FREQ Datasheet HTML 53Page - fujitsu semiconductor FREQ Datasheet HTML 54Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 56 page
background image
50
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
(2) Manual soldering (partial heating method)
Item
Condition
Before opening
Within two years after manufacture
Storage period
Between opening and mounting
Within two years after manufacture
(No need to control moisture during the storage
period because of the partial heating method.)
Storage conditions
5°C to 30°C, 70% RH or less (the lowest possible humidity)
Mounting conditions
Temperature at the tip of a soldering iron: 400°C Max
Time: Five seconds or below per pin*
*: Make sure that the tip of a soldering iron does not come in contact with the package body.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com