Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THCV231 Datasheet(PDF) 32 Page - THine Electronics, Inc.

Part # THCV231
Description  The THCV231 and THCV236 are designed to support video data transmission between the host and display.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV231 Datasheet(HTML) 32 Page - THine Electronics, Inc.

Back Button THCV231 Datasheet HTML 28Page - THine Electronics, Inc. THCV231 Datasheet HTML 29Page - THine Electronics, Inc. THCV231 Datasheet HTML 30Page - THine Electronics, Inc. THCV231 Datasheet HTML 31Page - THine Electronics, Inc. THCV231 Datasheet HTML 32Page - THine Electronics, Inc. THCV231 Datasheet HTML 33Page - THine Electronics, Inc. THCV231 Datasheet HTML 34Page - THine Electronics, Inc. THCV231 Datasheet HTML 35Page - THine Electronics, Inc. THCV231 Datasheet HTML 36Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
THCV231_THCV236_Rev.2.30_E
Copyright©2016 THine Electronics, Inc.
THine Electronics, Inc.
32/56
Security E
Table 32. Sub-Link Slave Control Register
Address
(Hex)
Bit#
R/W
Default
(Hex)
Name
Description
Note
0x80
7:0
R
0x00
Reserved
-
0x81
7:1
R
0x00
Reserved
-
0
RW
0
2WIRE_RST
2-wire serial I/F reset
Write 1: 16 pulse SCL signal is sent to 2-wire serial slave device
connected to Sub-Link Slave.
This bit is a remedy against SDA=L, 2-wire serial stuck condition.
Automatically cleared into 0 after reset action.0 is always read.
-
0x82
7:6
R
0x0
Reserved
5
RW
0
2WIRE_RST_END_INT
Cause of interrupt 2-wire serial reset done
0: Normal operation
1: 2-wire serial reset signal has all finished
Any write action: clear this bit into 0
-
4
RW
0
2WIRE_NACK_INT
Cause of interrupt 2-wire serial Slave NACK
0: No NACK from remote side 2-wire serial slave ever
1: NACK from remote side 2-wire serial slave once come
Any write action: clear this bit into 0
-
3
R
0
GPIO_INT
Cause of interrupt Sub-Link Slave GPIO
0: No change in Slave GPIO inputs ever
1: Slave GPIO inputs have once changed.
This bit is cleared when GPIOn_INPUT_MONITOR (n=4,3) register
(0xC1) is read.
-
2
RW
0
COMERR_INT
Cause of interrupt Sub-Link communication Error
0: No communication error on Sub-Link ever
1: Communication error on Sub-Link once happened
Any write action: clear this bit into 0
-
1
RW
0
2WIRE_TIMEOUT_INT
Cause of interrupt 2-wire serial time out
0: 2-wire serial access in time ever
1: 2-wire serial access has once had time out
Any write action: clear this bit into 0
-
0
RW
0
SLINK_TIMEOUT_INT
Cause of interrupt Sub-Link time out0: Sub-Link access in time ever
1: Sub-Link has once had time out
Any write action: clear this bit into 0
-
0x83
7:6
R
0x0
Reserved
-
5
RW
0
2WIRE_RST_ENABLED_INT_ENABLE
0: "2WIRE_RST_END_INT" is blocked to be reported to Master Side.
1: "2WIRE_RST_END_INT" is allowed to be reported to Master Side.
(*1)
4
RW
0
2WIRE_NACK_INT_ENABLE
0: "2WIRE_NACK_INT" is blocked to be reported to Master Side.
1: "2WIRE_NACK_INT" is allowed to be reported to Master Side.
3
RW
0
GPIO_INT_ENABLE
0: "GPIO_INT" is blocked to be reported to Master Side.
1: "GPIO_INT" is allowed to be reported to Master Side.
2
RW
0
COMERR_INT_ENABLE
0: "COMERR_INT" is blocked to be reported to Master Side.
1: "COMERR_INT" is allowed to be reported to Master Side.
1
RW
0
2WIRE_TIMEOUT_INT_ENABLE
0: "2WIRE_TIMEOUT_INT" is blocked to be reported to Master Side.
1: "2WIRE_TIMEOUT_INT" is allowed to be reported to Master Side.
0
RW
0
SLINK_TIMEOUT_INT_ENABLE
0: "SLINK_TIMEOUT_INT" is blocked to be reported to Master Side.
1: "SLINK_TIMEOUT_INT" is allowed to be reported to Master Side.
0x84
-0x8B
7:0
R
0x00
Reserved
-
0x8C
7
R
0
Reserved
-
6:0
RW
0x2D
SCL_W_H
SCL High width [tHIGH] setting. Output SCL High width is defined as below.
((SCL_W_H + 1) * 8 + 8) * tOSC
-
0x8D
7
R
0
Reserved
-
6:0
RW
0x37
SCL_W_L
SCL Low width [tLOW] setting. Output SCL Low width is defined as below.
((SCL_W_L + 1) * 8 + 8) * tOSC
-
0x8E
7:2
R
0x00
Reserved
-
1:0
RW
0x0
Reserved. Must be 0
-
0x8F
7:2
R
0x00
Reserved
-
1:0
RW
0x1
Reserved
-
0x90
-0xBF
7:0
R
0x00
Reserved
-
*1
Interrupt signal from Sub-Link Slave is reported to Sub-Link Master as Cause of interrupt Sub-Link Slave Side (0x02 bit4 SLAVESIDE_INT).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com