Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC8101 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC8101
Description  Rail-to-Rail Input and Output, 2.7V Op Amp in micro SMD package with Shutdown
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC8101 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMC8101 Datasheet HTML 1Page - National Semiconductor (TI) LMC8101 Datasheet HTML 2Page - National Semiconductor (TI) LMC8101 Datasheet HTML 3Page - National Semiconductor (TI) LMC8101 Datasheet HTML 4Page - National Semiconductor (TI) LMC8101 Datasheet HTML 5Page - National Semiconductor (TI) LMC8101 Datasheet HTML 6Page - National Semiconductor (TI) LMC8101 Datasheet HTML 7Page - National Semiconductor (TI) LMC8101 Datasheet HTML 8Page - National Semiconductor (TI) LMC8101 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
2.7V Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 2.7V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1MΩ to V
+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
Limit
(Note 6)
Units
V
O
Output Swing
High
R
L = 2kΩ to V
+/2
V
ID = 100mV
2.67
2.64
2.62
V
min
R
L = 10kΩ to V
+/2
V
ID = 100mV
2.69
2.68
2.67
V
min
Output Swing
Low
R
L = 2kΩ to V
+/2
V
ID = −100mV
32
100
150
mV
max
R
L = 10kΩ to V
+/2
V
ID = −100mV
10
30
70
mV
max
I
SC
Output Short Circuit Current
Sourcing to V
+/2
V
ID = 100mV (Note 11)
20
14
6
mA
min
Sinking to V
+/2
V
ID = −100mV (Note 11)
10
5
4
mA
min
I
S
Supply Current
No load, normal operation
0.70
1.0
1.2
mA
max
Shutdown mode
0.001
1
µA
max
T
on
Shutdown Turn-on time
(Note 9)
10
15
µs
T
off
Shutdown Turn-off time
(Note 9)
1
µs
I
in
″SL″ and ″SD″ Input Current
±1
±64
pA
max
SR
Slew Rate (Note 8)
A
V = +1, RL = 10kΩ to V
+/2
V
I= 1VPP
1
0.8
V/µs
min
f
u
Unity Gain-Bandwidth
V
I = 10mV, RL = 2kΩ to V
+/2
750
KHz
GBW
Gain Bandwidth Product
f = 100KHz
1
MHz
e
n
Input-Referred Voltage Noise
f = 10KHz, R
S = 50Ω
36
i
n
Input-Referred Current Noise
f = 10KHz
1.5
THD
Total Harmonic Distortion
f = 1KHz, AV = +1,
V
O = 2.2Vpp,
R
L = 600Ω to V
+/2
0.18
%
+/−5V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ =5V, V− = −5V, V
CM = VO = 0V, and RL > 1MΩ to gnd.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
Limit
(Note 6)
Units
V
OS
Input Offset Voltage
±0.7
±5
±7
mV
max
TCV
os
Input Offset Voltage Average Drift
4
µV/˚C
I
B
Input Bias Current
(Note 7)
±1
±64
pA
max
I
OS
Input Offset Current
0.5
32
pA
max
R
in CM
Input Common Mode Resistance
10
G
Ω
C
in CM
Input Common Mode Capacitance
10
pF
CMRR
Common-Mode Rejection Ratio
−5V < = V
CM < = 5V
87
70
67
dB
min
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com