Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC8101 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC8101
Description  Rail-to-Rail Input and Output, 2.7V Op Amp in micro SMD package with Shutdown
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC8101 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMC8101 Datasheet HTML 1Page - National Semiconductor (TI) LMC8101 Datasheet HTML 2Page - National Semiconductor (TI) LMC8101 Datasheet HTML 3Page - National Semiconductor (TI) LMC8101 Datasheet HTML 4Page - National Semiconductor (TI) LMC8101 Datasheet HTML 5Page - National Semiconductor (TI) LMC8101 Datasheet HTML 6Page - National Semiconductor (TI) LMC8101 Datasheet HTML 7Page - National Semiconductor (TI) LMC8101 Datasheet HTML 8Page - National Semiconductor (TI) LMC8101 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LMC8101
Rail-to-Rail Input and Output, 2.7V Op Amp in
micro SMD package with Shutdown
General Description
The LMC8101 is a Rail-to-Rail Input and Output high perfor-
mance CMOS operational amplifier. The LMC8101 is ideal
for low voltage (2.7V to 10V) applications requiring
Rail-to-Rail inputs and output. The LMC8101 is supplied in
the die sized micro SMD as well as the 8 pin MSOP pack-
ages. The micro SMD package requires 75% less board
space as compared to the SOT23-5 package. The LMC8101
is an upgrade to the industry standard LMC7101.
The LMC8101 incorporates a simple user controlled method-
ology for shutdown. This allows ease of use while reducing
the total supply current to 1nA typical. This extends battery
life where power saving is mandated. The shutdown input
threshold can be set relative to either V
+ or V− using the SL
pin (see Application Note section for details).
Other enhancements include improved offset voltage limit,
three times the output current drive and lower 1/f noise when
compared to the industry standard LMC7101 Op Amp. This
makes the LMC8101 ideal for use in many battery powered,
wireless communication and Industrial applications.
Features
V
S = 2.7V, TA = 25˚C, RL to V
+/2, Typical values unless
specified.
n Rail-to-Rail Inputs
n Rail-to-Rail Output
Swing
Within 35mV of Supplies (R
L =2kΩ)
n Packages Offered:
n
micro SMD package
1.39mm x 1.41mm
n
MSOP package
3.0mm x 4.9mm
n Low Supply Current
<1mA (max)
n Shutdown Current
1µA (max)
n Versatile Shutdown feature
10µs turn-on
n Output Short Circuit Current
10mA
n Offset Voltage
±5 mV (max)
n Gain-Bandwidth
1MHz
n Supply Voltage Range
2.7V-10V
n THD
0.18%
n Voltage Noise
36
Applications
n Portable Communication (voice, data)
n Cellular Phone Power Amp Control Loop
n Buffer AMP
n Active Filters
n Battery Sense
n VCO Loop
Connection Diagrams
8-Pin MSOP
DS101240-79
Top View
micro SMD
DS101240-80
Top View
September 1999
© 1999 National Semiconductor Corporation
DS101240
www.national.com


Similar Part No. - LMC8101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC8101 TI1-LMC8101 Datasheet
1Mb / 26P
Rail-to-Rail Input and Output, 2.7V Op Amp in DSBGA Package With Shutdown
LMC8101 TI2-LMC8101 Datasheet
1Mb / 26P
LMC8101 Rail-to-Rail Input and Output, 2.7V Op Amp in DSBGA Package With Shutdown
REVISED MARCH 2013
logo
National Semiconductor ...
LMC8101BP NSC-LMC8101BP Datasheet
755Kb / 19P
Rail-to-Rail Input and Output, 2.7V Op Amp in micro SMD package with Shutdown
LMC8101BPX NSC-LMC8101BPX Datasheet
755Kb / 19P
Rail-to-Rail Input and Output, 2.7V Op Amp in micro SMD package with Shutdown
LMC8101MM NSC-LMC8101MM Datasheet
755Kb / 19P
Rail-to-Rail Input and Output, 2.7V Op Amp in micro SMD package with Shutdown
More results

Similar Description - LMC8101

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6010 LINER-LT6010 Datasheet
602Kb / 16P
Rail-to-Rail Output Precision Op Amp with Shutdown
LT1797 LINER-LT1797 Datasheet
195Kb / 12P
10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
logo
Intersil Corporation
EL5412 INTERSIL-EL5412 Datasheet
199Kb / 8P
40MHz Rail-to-Rail Input-Output Op Amp
December 22, 2004
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
60MHz Rail-to-Rail Input-Output Op Amp
April 24, 2007
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
60MHz Rail-to-Rail Input-Output Op Amp
July 23, 2009
logo
National Semiconductor ...
LMC8101TP NSC-LMC8101TP Datasheet
755Kb / 19P
Rail-to-Rail Input and Output, 2.7V Op Amp in micro SMD package with Shutdown
logo
Linear Technology
LT1797 LINER-LT1797_15 Datasheet
199Kb / 14P
10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
LT6010 LINER-LT6010_15 Datasheet
302Kb / 16P
Rail-to-Rail Output Precision Op Amp with Shutdown
logo
Texas Instruments
LMC8101 TI1-LMC8101 Datasheet
1Mb / 26P
Rail-to-Rail Input and Output, 2.7V Op Amp in DSBGA Package With Shutdown
logo
Analog Devices
LTC6228 AD-LTC6228 Datasheet
2Mb / 26P
Low Distortion Rail-to-Rail Output Op Amp with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com