Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM20020 Datasheet(PDF) 12 Page - SMSC Corporation

Part # COM20020
Description  COM20020 3.3V ULANC Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20020 Datasheet(HTML) 12 Page - SMSC Corporation

Back Button COM20020 Datasheet HTML 8Page - SMSC Corporation COM20020 Datasheet HTML 9Page - SMSC Corporation COM20020 Datasheet HTML 10Page - SMSC Corporation COM20020 Datasheet HTML 11Page - SMSC Corporation COM20020 Datasheet HTML 12Page - SMSC Corporation COM20020 Datasheet HTML 13Page - SMSC Corporation COM20020 Datasheet HTML 14Page - SMSC Corporation COM20020 Datasheet HTML 15Page - SMSC Corporation COM20020 Datasheet HTML 16Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 72 page
background image
12
Acknowledgements
An Acknowledgement is used to acknowledge
reception of a packet or as an affirmative
response to FREE BUFFER ENQUIRIES and is
sent by the following sequence:
#$
An ALERT BURST
#$
An ACK (ACKnowledgement--ASCII code
86H) character
ALERT BURST
ACK
Negative Acknowledgements
A Negative Acknowledgement is used as a
negative
response
to
FREE
BUFFER
ENQUIRIES
and
is
sent
by
the
following
sequence:
#$
An ALERT BURST
#$
A NAK (Negative Acknowledgement--ASCII
code 15H) character
ALERT BURST
NAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com