Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM20020 Datasheet(PDF) 11 Page - SMSC Corporation

Part # COM20020
Description  COM20020 3.3V ULANC Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20020 Datasheet(HTML) 11 Page - SMSC Corporation

Back Button COM20020 Datasheet HTML 7Page - SMSC Corporation COM20020 Datasheet HTML 8Page - SMSC Corporation COM20020 Datasheet HTML 9Page - SMSC Corporation COM20020 Datasheet HTML 10Page - SMSC Corporation COM20020 Datasheet HTML 11Page - SMSC Corporation COM20020 Datasheet HTML 12Page - SMSC Corporation COM20020 Datasheet HTML 13Page - SMSC Corporation COM20020 Datasheet HTML 14Page - SMSC Corporation COM20020 Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
11
is defined as no line activity and a logic "1" is
defined as a negative pulse of 100nS duration. A
transmission starts with an ALERT BURST
consisting of 6 unit intervals of mark (logic "1").
Eight bit data characters are then sent, with each
character preceded by 2 unit intervals of mark and
one unit interval of space.
Five types of
transmission can be performed as described
below:
Invitations To Transmit
An Invitation To Transmit is used to pass the
token from one node to another and is sent by the
following sequence:
# An ALERT BURST
# An EOT (End Of Transmission: ASCII code
04H)
#
Two
(repeated)
DID
(Destination
ID)
characters
ALERT
BURST
EOT
DID
DID
Free Buffer Enquiries
A Free Buffer Enquiry is used to ask another node
if it is able to accept a packet of data. It is sent by
the following sequence:
# An ALERT BURST
# An ENQ (ENQuiry: ASCII code 85H)
#
Two
(repeated)
DID
(Destination
ID)
characters
ALERT
BURST
ENQ
DID
DID
Data Packets
A Data Packet consists of the actual data being
sent to another node. It is sent by the following
sequence:
#$
An ALERT BURST
#$
An SOH (Start Of Header--ASCII code 01H)
#$
An SID (Source ID) character
#$
Two
(repeated)
DID
(Destination
ID)
characters
#$
A single COUNT character which is the 2's
complement of the number of data bytes to
follow if a short packet is sent, or 00H
followed by a COUNT character if a long
packet is sent.
#$
N data bytes where COUNT = 256-N (or 512-
N for a long packet)
#$
Two
CRC
(Cyclic
Redundancy
Check)
characters.
The CRC polynomial used is:
X
16 + X15 + X2 + 1.
ALERT
BURST
SOH
SID
DID
DID
COUNT
data
data
CRC
CRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com