Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLV-030D Datasheet(PDF) 2 Page - All Sensors Corporation

Part # MLV-030D
Description  MLV Series Low Voltage Pressure Sensors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

MLV-030D Datasheet(HTML) 2 Page - All Sensors Corporation

  MLV-030D Datasheet HTML 1Page - All Sensors Corporation MLV-030D Datasheet HTML 2Page - All Sensors Corporation MLV-030D Datasheet HTML 3Page - All Sensors Corporation MLV-030D Datasheet HTML 4Page - All Sensors Corporation MLV-030D Datasheet HTML 5Page - All Sensors Corporation MLV-030D Datasheet HTML 6Page - All Sensors Corporation MLV-030D Datasheet HTML 7Page - All Sensors Corporation MLV-030D Datasheet HTML 8Page - All Sensors Corporation MLV-030D Datasheet HTML 9Page - All Sensors Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MLV Series Low Voltage Pressure Sensors
Parameter
Min
Typ
Max
Units
Notes
Output Span
L01D @ 1 inH2O
6.0
7.0
8.0
mV
4
L02D @ 2 inH2O
9.0
10.0
11.0
mV
4
L05D @ 5 inH2O
14.0
15.0
16.0
mV
4
L10D @ 10 inH2O
19.0
20.0
21.0
mV
4
L20D @ 20 inH2O
19.0
20.0
21.0
mV
4
L30D @ 30 inH2O
19.0
20.0
21.0
mV
4
Span Temperature Shift (0°C to 50°C)
-
-
±250
uV
1
Offset Voltage @ Zero Diff. Pressure
-
-
±500
uV
-
Offset Temperature Shift (0°C to 50°C)
L01D, L02D, L05D
-
-
±250
uV
1
L10D, L20D, L30D
-
-
±200
uV
1
Offset Warm-up Shift
-
-
±50.0
uV
2
Offset Position Sensitivity (1g)
L01D
-
-
±20.0
uV
6
L02D
-
-
±15.0
uV
6
L05D, L10D, L20D, L30D
-
-
±10.0
uV
6
Offset Long Term Drift (One Year)
L01D, L02D, L05D
-
±150
-
uV
-
L10D, L20D, L30D
-
±100
-
uV
-
Linearity, Hysteresis Error
-
0.10
0.30
%FSS
3
Response Time (10% to 90% Pressure Response)
-
500
-
us
-
Front to Back Linearity
-
0.75
-
%FSS
5
Input Resistance
-
12.0
-
k ohm
-
Output Resistance
-
3.0
-
k ohm
-
Performance Characteristics for MLV Series (InH2O)
All pArAmeters Are meAsured At 5.0 volt excitAtion And room temperAture unless otherwise specified. pressure meAsurements Are with positive
pressure Applied to
port B (the only port for the single port configurAtion pAckAges).
Pressure Sensor Maximum Ratings
Environmental Specifications
Supply Voltage (Vs)
12 Vdc
Common Mode Pressure
InH2O Devices (L01, L02, L05, L10, L20, L30)
10 psig
PSI Devices (005, 015, 030, 100, 150)
50 psig
Lead Temperature (soldering 2-4 sec.)
270 °C
Temperature Ranges
Compensated
0°C to 50°C
Operating
-25°C to 85 °C
Storage
-40°C to 125 °C
Humidity Limits
0 to 95% RH
(non condensing)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com