Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLV-030D Datasheet(PDF) 13 Page - All Sensors Corporation

Part # MLV-030D
Description  MLV Series Low Voltage Pressure Sensors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

MLV-030D Datasheet(HTML) 13 Page - All Sensors Corporation

Back Button MLV-030D Datasheet HTML 8Page - All Sensors Corporation MLV-030D Datasheet HTML 9Page - All Sensors Corporation MLV-030D Datasheet HTML 10Page - All Sensors Corporation MLV-030D Datasheet HTML 11Page - All Sensors Corporation MLV-030D Datasheet HTML 12Page - All Sensors Corporation MLV-030D Datasheet HTML 13Page - All Sensors Corporation MLV-030D Datasheet HTML 14Page - All Sensors Corporation MLV-030D Datasheet HTML 15Page - All Sensors Corporation MLV-030D Datasheet HTML 16Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
All Sensors
DS-0274 Rev C
E1NJ Package
A
7.17
0.282
0.025
0.64
0.192
4.88
0.155
3.94
DETAIL A
SCALE 4 : 1
0.81
0.032
R
0.010
0.25
Pin 1 2 3 4
Pin 8 7 6 5
2.54
10.79
0.425
12.70
0.500
0.082
2.10
0.100
0.050
1.27
Port A
Port B
2)For suggested pad layout, see drawing: PAD-10
NOTES
1)Dimensions are in inches [mm]
E2NJ Package
0.155
3.94
DETAIL A
SCALE 4 : 1
0.81
0.032
R
0.010
0.25
A
7.17
0.282
0.64
0.025
0.084
2.12
Pin 1 2 3 4
Pin 8 7 6 5
Port B
Port A
0.500
12.70
0.082
0.100
2.10
2.54
10.79
0.425
0.050
1.27
NOTES
1)Dimensions are in inches [mm]
2)For suggested pad layout, see drawing: PAD-10
Pinout
1) Gnd
2) +Out
3) Vs
4) -Out
5) Do Not Connect
6) Do Not Connect
7) Do Not Connect
8) Do Not Connect
Pinout
1) Gnd
2) +Out
3) Vs
4) -Out
5) Do Not Connect
6) Do Not Connect
7) Do Not Connect
8) Do Not Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com