Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP93CS20F Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TMP93CS20F
Description  Quality And Reliability Assurance / Handling Precautions
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS20F Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TMP93CS20F Datasheet HTML 2Page - Toshiba Semiconductor TMP93CS20F Datasheet HTML 3Page - Toshiba Semiconductor TMP93CS20F Datasheet HTML 4Page - Toshiba Semiconductor TMP93CS20F Datasheet HTML 5Page - Toshiba Semiconductor TMP93CS20F Datasheet HTML 6Page - Toshiba Semiconductor TMP93CS20F Datasheet HTML 7Page - Toshiba Semiconductor TMP93CS20F Datasheet HTML 8Page - Toshiba Semiconductor TMP93CS20F Datasheet HTML 9Page - Toshiba Semiconductor TMP93CS20F Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
Quality and Reliability Assurance / Handling Precautions
030901
QUA-6
2002-02-20
Table 2.1
Recommended soldering methods and precautions when mounting
Soldering method
Mounting method
Mounting precaution
Localized heating
method
Soldering iron method
The recommended soldering conditions are as follows:
(1) Standard:
EIAJ ED-4701A-133
Environment test, soldering heat-
resistance test (SMD)
(2) Soldering method: Soldering (lead only)
(3) Soldering condition: (a) at 350
°C for up to 3 seconds.
(b) at 260
°C for up to 10
seconds.
Wave soldering method
(Solder flow)
(1)
Apply preheating for 60 to 120 seconds at a
temperature of 150°C.
(2)
For
lead
insertion-type
packages,
complete
solder
flow
within
10
seconds
with
the
temperature at the stopper (or, if there is no
stopper, at a location more than 1.5 mm from the
body) which does not exceed 260°C.
(3)
For
surface-mount
packages,
complete
soldering within 5 seconds at a temperature of
250°C or less in order to prevent thermal stress
in the device.
For details, contact your local Toshiba dealer.
Short infrared reflow
method
Because thermal stress is severe, as with solder dipping,
the infrared reflow method is not recommended for some
products. For details, contact your local Toshiba dealer.
Overall heating method
Far or middle infrared
Hot air reflow
The recommended conditions for SMD reflow are as
follows:
(1) Standard:
EIAJ ED-4701 A-133
Environment test
(2) Soldering method: (a) Hot air reflow
(with optional far or middle
infrared reflow process)
(b) Far or middle infrared reflow
(3) Pre-heating: 140 to 160
°C, for 60 to 120 seconds.
(4) Reflow: (a) 240
°C max
(b) At more than 210
°C, for 30 to 50 seconds.
(5) Number of reflows: Maximum of two times within the
allowable period of use
The specified soldering temperatures are based on
the temperature of the package surface.
For a sample recommended temperature profile,
refer to Figure 2.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com