Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP93CS20F Datasheet(PDF) 28 Page - Toshiba Semiconductor

Part # TMP93CS20F
Description  Quality And Reliability Assurance / Handling Precautions
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS20F Datasheet(HTML) 28 Page - Toshiba Semiconductor

Back Button TMP93CS20F Datasheet HTML 24Page - Toshiba Semiconductor TMP93CS20F Datasheet HTML 25Page - Toshiba Semiconductor TMP93CS20F Datasheet HTML 26Page - Toshiba Semiconductor TMP93CS20F Datasheet HTML 27Page - Toshiba Semiconductor TMP93CS20F Datasheet HTML 28Page - Toshiba Semiconductor TMP93CS20F Datasheet HTML 29Page - Toshiba Semiconductor TMP93CS20F Datasheet HTML 30Page - Toshiba Semiconductor TMP93CS20F Datasheet HTML 31Page - Toshiba Semiconductor TMP93CS20F Datasheet HTML 32Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
Quality and Reliability Assurance / Handling Precautions
030901
QUA-28
2002-02-20
4 General Safety Precautions and Usage Considerations
This section is designed to help you gain a better understanding of semiconductor devices,
so as to ensure the safety, quality and reliability of the devices which you incorporate into
your designs.
4.1
From Incoming to Shipping
4.1.1
Electrostatic Discharge (ESD)
When handling individual devices (which are not yet
mounted on a printed circuit board), be sure that the
environment is protected against electrostatic electricity.
Operators should wear anti-static clothing, and containers
and other objects which come into direct contact with devices
should be made of anti-static materials and should be
grounded to earth via an 0.5- to 1.0-M
Ω protective resistor.
Please follow the precautions described below; this is particularly important
for devices which are marked “Be careful of static.”.
4.1.1.1
Work Environment
(1)
When humidity in the working environment decreases, the human
body and other insulators can easily become charged with static
electricity due to friction. Maintain the recommended humidity of
40% to 60% in the work environment, while also taking into account
the fact that moisture-proof-packed products may absorb moisture
after unpacking.
(2)
Be sure that all equipment, jigs and tools in the working area are
grounded to earth.
(3)
Place a conductive mat over the floor of the work area, or take other
appropriate measures, so that the floor surface is protected against
static electricity and is grounded to earth. The surface resistivity
should be 10
4 to 108
Ω/sq and the resistance between surface and
ground, 7.5
× 105 to 108 Ω.
(4)
Cover the workbench surface also with a conductive mat (with a
surface resistivity of 10
4 to 108
Ω/sq, for a resistance between
surface and ground of 7.5
× 105 to 108 Ω). The purpose of this is to
disperse static electricity on the surface (through resistive
components) and ground it to earth. Workbench surfaces must not
be constructed of low-resistance metallic materials that allow rapid
static discharge when a charged device touches them directly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com