| Electronic Components Datasheet Search |
|
TMP95CU54AF Datasheet(PDF) 42 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP95CU54AF Datasheet(HTML) 42 Page - Toshiba Semiconductor |
|
42 / 48 page ![]() Quality and Reliability Assurance / Handling Precautions 030901 QUA-42 2002-02-20 (3) For the minimum clearance specification between a device and a printed circuit board, refer to the relevant device’s datasheet or databook. If necessary, achieve the required clearance by forming the device’s leads appropriately. Do not use the spacers which are used to raise devices above the surface of the printed circuit board during soldering to achieve clearance. These spacers normally continue to expand due to heat, even after the solder has begun to solidify; this applies severe stress to the device. (4) Observe the following precautions when forming the leads of a device prior to mounting so as to avoid mechanical stress to the device. Also avoid ending or stretching device leads repeatedly. (a) Use a tool or jig to secure the lead at its base (where the lead meets the device package) while bending so as to avoid mechanical stress to the device. Also avoid bending or stretching device leads repeatedly. (b) Be careful not to damage the lead during lead forming. (c) Follow any other precautions described in the individual datasheets and databooks for each device and package type. 4.5.2 Socket Mounting (1) When socket mounting devices on a printed circuit board, use sockets which match the inserted device’s package. (2) Use sockets whose contacts have the appropriate contact pressure. If the contact pressure is insufficient, the socket may not make a perfect contact when the device is repeatedly inserted and removed; if the pressure is excessively high, the device leads may be bent or damaged when they are inserted into or removed from the socket. (3) When soldering sockets to the printed circuit board, use sockets whose construction prevents flux from penetrating into the contacts or which allows flux to be completely cleaned off. (4) Make sure the coating agent applied to the printed circuit board for moisture-proofing purposes does not stick to the socket contacts. (5) If the device leads are severely bent by a socket as it is inserted or removed and you wish to repair the leads so as to continue using the device, make sure that this lead correction is only performed once. Do not use devices whose leads have been corrected more than once. (6) If the printed circuit board with the devices mounted on it will be subjected to vibration from external sources, use sockets which have a strong contact pressure so as to prevent the sockets and devices from vibrating relative to one another. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |