Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP95CU54AF Datasheet(PDF) 45 Page - Toshiba Semiconductor

Part # TMP95CU54AF
Description  Quality And Reliability Assurance / Handling Precautions
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP95CU54AF Datasheet(HTML) 45 Page - Toshiba Semiconductor

Back Button TMP95CU54AF Datasheet HTML 40Page - Toshiba Semiconductor TMP95CU54AF Datasheet HTML 41Page - Toshiba Semiconductor TMP95CU54AF Datasheet HTML 42Page - Toshiba Semiconductor TMP95CU54AF Datasheet HTML 43Page - Toshiba Semiconductor TMP95CU54AF Datasheet HTML 44Page - Toshiba Semiconductor TMP95CU54AF Datasheet HTML 45Page - Toshiba Semiconductor TMP95CU54AF Datasheet HTML 46Page - Toshiba Semiconductor TMP95CU54AF Datasheet HTML 47Page - Toshiba Semiconductor TMP95CU54AF Datasheet HTML 48Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
Quality and Reliability Assurance / Handling Precautions
030901
QUA-45
2002-02-20
4.5.5
Circuit Board Coating
When devices are to be used in equipment requiring a high degree of reliability
or in extreme environments (where moisture, corrosive gas or dust is present),
circuit boards may be coated for protection. However, before doing so, you
must carefully consider the possible stress and contamination effects that may
result and then choose the coating resin which results in the minimum level of
stress to the device.
4.6
Protecting Devices in the Field
4.6.1
Temperature
Semiconductor devices are generally more sensitive to temperature than are
other electronic components. The various electrical characteristics of a
semiconductor device are dependent on the ambient temperature at which the
device is used. It is therefore necessary to understand the temperature
characteristics of a device and to incorporate device derating into circuit
design. Note also that if a device is used above its maximum temperature
rating, device deterioration is more rapid and it will reach the end of its usable
life sooner than expected.
4.6.2
Humidity
Resin-molded devices are sometimes improperly sealed. When these devices
are used for an extended period of time in a high-humidity environment,
moisture can penetrate into the device and cause chip degradation or
malfunction. Furthermore, when devices are mounted on a regular printed
circuit board, the impedance between wiring components can decrease under
high-humidity conditions. In systems which require a high signal-source
impedance, circuit board leakage or leakage between device lead pins can
cause malfunctions. The application of a moisture-proof treatment to the
device surface should be considered in this case. On the other hand, operation
under low-humidity conditions can damage a device due to the occurrence of
electrostatic discharge. Unless damp-proofing measures have been specifically
taken, use devices only in environments with appropriate ambient moisture
levels (i.e. within a relative humidity range of 40% to 60%).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com