Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMF90CMJ Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMF90CMJ
Description  4th-Order Elliptic Notch Filter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMF90CMJ Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMF90CMJ Datasheet HTML 3Page - National Semiconductor (TI) LMF90CMJ Datasheet HTML 4Page - National Semiconductor (TI) LMF90CMJ Datasheet HTML 5Page - National Semiconductor (TI) LMF90CMJ Datasheet HTML 6Page - National Semiconductor (TI) LMF90CMJ Datasheet HTML 7Page - National Semiconductor (TI) LMF90CMJ Datasheet HTML 8Page - National Semiconductor (TI) LMF90CMJ Datasheet HTML 9Page - National Semiconductor (TI) LMF90CMJ Datasheet HTML 10Page - National Semiconductor (TI) LMF90CMJ Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
DC Electrical Characteristics (Continued)
Note 1
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur
Note 2
Operating Ratings indicate conditions for which the device is intended to be functional These ratings do not guarantee specific performance limits
however For guaranteed specifications and test conditions see the Electrical Characteristics The guaranteed specifications apply only for the test conditions
listed Some performance characteristics may degrade when the device is not operated under the listed test conditions
Note 3
All voltages are measured with respect to GND unless otherwise specified
Note 4
See AN450 ‘‘Surface Mounting Methods and Their Effect on Product Reliability’’ or the section titled ‘‘Surface Mount’’ found in any current Linear Data
Book for other methods of soldering surface mount devices
Note 5
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX HJA and the ambient temperature TA The maximum
allowable power dissipation at any temperature is PD e (TJMAX b TA) HJA or the number given in the Absolute Maximum Ratings whichever is lower For this
device TJMAX e 150 C and the typical thermal resistance (HJA) when board mounted is 61 CW for the LMF90CCN and CIN 134 CW for the LMF90CCWM and
CWIM and 59 CW for the LMF90CCJ CIJ and CMJ
Note 6
Human body model 100 pF discharged through a 15 kX resistor
Note 7
Typicals are at TJ e 25 C and represent the most likely parametric norm
Note 8
Tested Limits are guaranteed and 100% tested
Note 9
Design Limits are guaranteed but not 100% tested
Note 10
When the input voltage (VIN) at any pin exceeds the power supplies (VIN k V
b
or VIN l V
a
) the current at that pin should be limited to 5 mA The 20 mA
maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input current of 5 mA to four
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com