Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMF90CMJ Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMF90CMJ
Description  4th-Order Elliptic Notch Filter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMF90CMJ Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMF90CMJ Datasheet HTML 7Page - National Semiconductor (TI) LMF90CMJ Datasheet HTML 8Page - National Semiconductor (TI) LMF90CMJ Datasheet HTML 9Page - National Semiconductor (TI) LMF90CMJ Datasheet HTML 10Page - National Semiconductor (TI) LMF90CMJ Datasheet HTML 11Page - National Semiconductor (TI) LMF90CMJ Datasheet HTML 12Page - National Semiconductor (TI) LMF90CMJ Datasheet HTML 13Page - National Semiconductor (TI) LMF90CMJ Datasheet HTML 14Page - National Semiconductor (TI) LMF90CMJ Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
10 Definition of Terms (Continued)
Passband Gain
the notch filter’s gain for signal frequen-
cies near dc or fCLK 2 The passband gain of a notch filter is
also called ‘‘HON’’ For the LMF90 the passband gain is
nominally 0 dB
Passband Ripple
the variation in gain within the filter’s
passband
Stopband
for a notch filter the range of frequencies for
which the attenuation is at least Amin (fS1 to fS2)in Figure
1 )
Stop Frequency
one of the two frequencies (fS1 and fS2)
at the edges of the notch’s stopband
Stopband Width (SBW)
the difference in frequency be-
tween the two stopband edges (fS2–fS1)
TLH10354 – 5
FIGURE 1 General Form of Notch Response
20 Applications Information
21 FUNCTIONAL DESCRIPTION
The LMF90 uses switched-capacitor techniques to realize a
fourth-order elliptic notch transfer function with 025 dB
passband ripple No external components other than supply
bypass capacitors and a clock (or crystal) are required
As is evident from the block diagram the analog signal path
consists of a fourth-order bandpass filter and a summing
amplifier The analog input signal is applied to the input of
the bandpass filter and to one of the summing amplifier
inputs The bandpass filter’s output drives the other sum-
ming amplifier input The output of the summing amplifier is
the difference between the input signal and the bandpass
output and has a notch filter characteristic Notch width and
depth are controlled by the dc programming voltages ap-
plied to two pins (1 and 10) and the center frequency is
proportional to the clock frequency which may be generat-
ed externally or internally with the aid of an external crystal
The clock-to-center-frequency ratio can be one of three dif-
ferent values and is selected by the voltage on a three-level
logic input (pin 2)
The clock signal passes through a digital frequency divider
circuit that can divide the clock frequency by any of three
different factors before it reaches the filters This divider can
also be disabled if desired Pin 7 enables and disables the
frequency divider and also configures the clock inputs for
operation with an external CMOS or TTL clock or with the
internal oscillator circuit
TLH10354 – 6
FIGURE 2 LMF90 Block Diagram
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com