Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1321 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A1321
Description  Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1321 Datasheet(HTML) 8 Page - Allegro MicroSystems

  A1321 Datasheet HTML 1Page - Allegro MicroSystems A1321 Datasheet HTML 2Page - Allegro MicroSystems A1321 Datasheet HTML 3Page - Allegro MicroSystems A1321 Datasheet HTML 4Page - Allegro MicroSystems A1321 Datasheet HTML 5Page - Allegro MicroSystems A1321 Datasheet HTML 6Page - Allegro MicroSystems A1321 Datasheet HTML 7Page - Allegro MicroSystems A1321 Datasheet HTML 8Page - Allegro MicroSystems A1321 Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
A1321-DS Rev. 3
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
A1321/A1322/A1323
Package LH, 3-Pin; (SOT-23W)
2.40
BSC
.094
1.00
BSC
.039
0.70
BSC
.028
3.10
2.90
.122
.114
2.10
1.85
.083
.073
3.00
2.70
.118
.106
0.55
REF
.022
1.49
NOM
.059
0.28
NOM
.011
0.96
NOM
.038
0.95
BSC
.037
0.95
BSC
.037
0.25
MIN
.010
0.15
0.00
.006
.000
1.13
0.87
.045
.034
0.20
0.13
.008
.005
0.50
.020
.012
0.30
0.25
BSC
.010
Gauge Plane
Seating Plane
2
1
3
Dimensions in millimeters
U.S. Customary dimensions (in.) in brackets, for reference only
A
Hall element
B
Active Area Depth 0.28 [.011]
C
C
Fits SC–59A Solder Pad Layout
A
Package UA, 3-Pin; (TO-92)
B
.164
.159
4.17
4.04
.122
.117
3.10
2.97
.062
.058
1.57
1.47
.017
.014
0.44
0.35
.019
.014
0.48
0.36
.640
.600
16.26
15.24
.085
MAX
2.16
.050
BSC
1.27
.031
REF
0.79
.0195
NOM
0.50
.0805
NOM
2.04
1.44
.0565
NOM
45°
BSC
45°
BSC
Dimensions in inches
Metric dimensions (mm) in brackets, for reference only
23
1
A
A
B
Dambar removal protrusion
Hall element



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com