Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1321 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A1321
Description  Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1321 Datasheet(HTML) 4 Page - Allegro MicroSystems

  A1321 Datasheet HTML 1Page - Allegro MicroSystems A1321 Datasheet HTML 2Page - Allegro MicroSystems A1321 Datasheet HTML 3Page - Allegro MicroSystems A1321 Datasheet HTML 4Page - Allegro MicroSystems A1321 Datasheet HTML 5Page - Allegro MicroSystems A1321 Datasheet HTML 6Page - Allegro MicroSystems A1321 Datasheet HTML 7Page - Allegro MicroSystems A1321 Datasheet HTML 8Page - Allegro MicroSystems A1321 Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
A1321-DS Rev. 3
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
A1321/A1322/A1323
MAGNETIC CHARACTERISTICS1,2 over operating temperature range, TA; VCC = 5 V, Iout = –1 mA; unless otherwise noted
Characteristics
Symbol
Test Condition
Min
Typ3
Max
Units4
Sensitivity5
Sens
A1321; TA = 25ºC
4.750
5.000
5.250
mV/G
A1322; TA = 25ºC
2.969
3.125
3.281
mV/G
A1323; TA = 25ºC
2.375
2.500
2.625
mV/G
Delta Vout(q) as a func-
tion of temperature
Vout(q)(∆T)
Defined in terms of magnetic flux density, B
±10
G
Ratiometry, Vout(q)
Vout(q)(∆V)
±1.5
%
Ratiometry, Sens
∆Sens(∆V)
±1.5
%
Positive Linearity
Lin+
±1.5
%
Negative Linearity
Lin–
±1.5
%
Symmetry
Sym
±1.5
%
UA Package
Delta Sens at TA = max5 ∆Sens(TAmax) From hot to room temperature
–2.5
7.5
%
Delta Sens at TA = min5 ∆Sens(TAmin) From cold to room temperature
–6
4
%
Sensitivity Drift6
SensDrift
TA = 25°C; after temperature cycling and over time
1
2
%
LH Package
Delta Sens at TA = max5 ∆Sens(TAmax) From hot to room temperature
–5
5
%
Delta Sens at TA = min5 ∆Sens(TAmin) From cold to room temperature
–3.5
8.5
%
Sensitivity Drift6
SensDrift
TA = 25°C; after temperature cycling and over time
0.328
2
%
1 Additional information on chracteristics is provided in the section Characteristics Definitions, on the next page.
2 Negative current is defined as conventional current coming out of (sourced from) the specified device terminal.
3 Typical data is at TA = 25°C, except for ∆Sens, and at x.x Sens. Typical data are for initial design estimations only, and assume optimum
manufacturing and application conditions. Performance may vary for individual units, within the specified maximum and minimum limits.
In addition, the typical values vary with gain.
4 10 G = 1 millitesla.
5 After 150ºC pre-bake and factory programming.
6 Sensitivity drift is the amount of recovery with time.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com