Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6718 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6718
Description  Dual, High Output, Programmable Gain Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6718 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMH6718 Datasheet HTML 6Page - National Semiconductor (TI) LMH6718 Datasheet HTML 7Page - National Semiconductor (TI) LMH6718 Datasheet HTML 8Page - National Semiconductor (TI) LMH6718 Datasheet HTML 9Page - National Semiconductor (TI) LMH6718 Datasheet HTML 10Page - National Semiconductor (TI) LMH6718 Datasheet HTML 11Page - National Semiconductor (TI) LMH6718 Datasheet HTML 12Page - National Semiconductor (TI) LMH6718 Datasheet HTML 13Page - National Semiconductor (TI) LMH6718 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Typical Performance Characteristics (A
V = +2, RL = 100
Ω, Unless Specified). (Continued)
Differential Gain & Phase
Input Referred Crosstalk
20040165
20040132
Application Section
LMH6718 OPERATION
The LMH6718 is a current feedback buffer fabricated in an
advanced complementary bipolar process. The LMH6718
operates from a single 5V supply or dual ±5V supplies.
Operating from a single 5V supply, the LMH6718 has the
following features:
•
Gains of ±1, −1, and 2V/V are achievable without exter-
nal resistors
•
Provides 170mA of output current
•
Offers low −88/−91dBc 2nd & 3rd harmonic distortion
•
Provides BW > 110MHz
The LMH6718 performance is further enhanced in ±5V sup-
ply applications as indicated in the ±5V Electrical Charac-
teristics table and the ±5V Typical Performance plots.
LMH6718 DESIGN INFORMATION
CLOSED LOOP GAIN SELECTION
The LMH6718 is a current feedback op amp with R
F =RG =
1k
Ω on chip (in the package). Select from three closed loop
gains without using any external gain or feedback resistors.
Implement gains of +2, +1, and −1V/V by connecting pins 2
and 3 (or 5 and 6) as described in the chart below.
Gain A
V
Input Connections
Non-Inverting (pins 3,
5)
Inverting (pins 2, 6)
−1V/V
ground
input signal
+1V/V
input signal
NC (open)
+2V/V
input signal
ground
The gain accuracy of the LMH6718 is excellent and stable
over temperature change. The internal gain setting resistors,
R
F and RG are poly silicon resistors. Although their absolute
values change with processing and temperature, their ratio
(R
F/RG) remains constant. If an external resistor is used in
series with R
G, gain accuracy over temperature will suffer.
SINGLE SUPPLY OPERATION (V
CC = +5V, VEE = GND)
The specifications given in the +5V Electrical Characteris-
tics table for single supply operation are measured with a
common mode voltage (V
CM) of 2.5V. VCM is the voltage
around which the inputs are applied and the output voltages
are specified.
Operating from a single +5V supply, the Common Mode
Voltage Range (CMVR) of the LMH6718 is typically +0.8V to
+4.2V. The typical output range with R
L = 100
Ω is +1.0V to
+4.0V.
For single supply DC coupled operation, keep input signal
levels above 0.8V DC, AC coupling and level shifting the
signal are recommended. The non-inverting and inverting
configurations for both input conditions are illustrated in the
following 2 sections.
DC COUPLED SINGLE SUPPLY OPERATION
Figure 1, Figure 2, and Figure 3 on the following page, show
the recommended configurations for input signals that re-
main above 0.8V DC.
20040139
FIGURE 1. DC Coupled, A
V = −1V/V Configuration
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com