Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6718 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6718
Description  Dual, High Output, Programmable Gain Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6718 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMH6718 Datasheet HTML 1Page - National Semiconductor (TI) LMH6718 Datasheet HTML 2Page - National Semiconductor (TI) LMH6718 Datasheet HTML 3Page - National Semiconductor (TI) LMH6718 Datasheet HTML 4Page - National Semiconductor (TI) LMH6718 Datasheet HTML 5Page - National Semiconductor (TI) LMH6718 Datasheet HTML 6Page - National Semiconductor (TI) LMH6718 Datasheet HTML 7Page - National Semiconductor (TI) LMH6718 Datasheet HTML 8Page - National Semiconductor (TI) LMH6718 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 5)
Human Body Model
2kV
Machine Model
200V
Supply Voltage
13.5
Output Current
(Note 3)
Common-Mode Input Voltage
V
+ -V
Maximum Junction Temperature
+150˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature (Soldering 10 sec)
+300˚C
Operating Ratings
Thermal Resistance
Package
(
θ
JC)(
θ
JA)
SOIC
50˚C/W
145˚C/W
Nominal Operating Voltage
±2.5V to ±6V
Operating Temperature Range
−40˚C to +85˚C
+5V Electrical Characteristics (Note 2)
A
V = +2, RL = 100
Ω,V
S = +5V (Note 4), Unless Specified. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Frequency Domain Response
SSBW
-3dB Bandwidth
V
O =0.5VPP
70
110
MHz
V
O =2.0VPP
90
SSBW
−0.1dB Bandwidth
V
O =0.5VPP
23
MHz
GFP
Gain Peaking
<200MHz, V
O =0.5VPP
0dB
GFR
Gain Rolloff
<30MHz, V
O =0.5VPP
0.2
dB
LPD
Linear Phase Deviation
<30MHz, V
O = 0.5VPP
0.12
deg
Time Domain Response
Tr
Rise and Fall Time
2V Step
4.8
ns
Ts
Settling Time to 0.05%
1V Step
20
ns
OS
Overshoot
2V Step
5
%
SR
Slew Rate
2V Step
250
400
V/µs
Distortion And Noise Response
HD2
2nd Harmonic Distortion
2V
PP, 1MHz
−85
dBc
2V
PP, 1MHz; RL =1k
−88
2V
PP, 5MHz
−73
HD3
3rd Harmonic Distortion
2V
PP,1MHz
−89
dBc
2V
PP, 1MHz, RL =1k
−91
2V
PP, 5MHz
−71
XTLKA
Crosstalk (Input Referred)
10MHz, 1V
PP
−85
dB
Static, DC Performance
V
IO
Input Offset Voltage
±.6
±10
±20
mV
DV
IO
Average Drift
10
µV/˚C
I
BN
Input Bias Current
(Non-Inverting)
±.6
±15
±20
µA
DI
BN
Average Drift
20
nA/˚C
GACC
Gain Accuracy
±0.3
±1.5
±2.0
%
Internal Resistors (R
F,RG)
750
950
1150
PSRR
Power supply Rejection Ratio
DC
50
60
dB
CMRR
Common Mode Rejection Ratio
DC
50
47
56
dB
I
CC
Supply Current per channel
R
L =
2.0
1.9
2.4
3.0
3.1
mA
Miscellaneous Performance
R
IN
Input Resistance (Non-Inverting)
0.38
M
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com