Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB080L-30 Datasheet(PDF) 3 Page - Rohm

Part # RB080L-30
Description  Schottky Barrier Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB080L-30 Datasheet(HTML) 3 Page - Rohm

  RB080L-30 Datasheet HTML 1Page - Rohm RB080L-30 Datasheet HTML 2Page - Rohm RB080L-30 Datasheet HTML 3Page - Rohm RB080L-30 Datasheet HTML 4Page - Rohm RB080L-30 Datasheet HTML 5Page - Rohm RB080L-30 Datasheet HTML 6Page - Rohm RB080L-30 Datasheet HTML 7Page - Rohm RB080L-30 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RB080L-30
 
80
130
180
230
280
330
IFSM DISPERSION MAP
8.3ms
IFSM
1cyc
8.3ms
AVE:225A
0
5
10
15
20
25
30
trr DISPERSION MAP
AVE:18.9ns
IF=0.5A
IR=1A
Irr=0.25*IR
200
210
220
230
1
10
100
8.3ms
IFSM
1cyc.
8.3ms
NUMBER OF CYCLES
IFSM-CYCLE CHARACTERISTICS
0
50
100
150
200
250
300
350
1
10
100
time
IFSM
TIME:t(ms)
IFSM-t CHARACTERISTICS
1
10
100
1000
0.01
0.1
1
10
100
1000
Rth(j-a)
Rth(j-c)
On glass-epoxy substrate
TIME:t(s)
Rth-t CHARACTERISTICS
0
1
2
3
4
5
02
46
8
10
D.C.
D=1/2
Sin(θ=180)
AVERAGE RECTIFIED
FORWARD CURRENT:Io(A)
Io-Pf CHARACTERISTICS
3/4
2011.12
- Rev.B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com