Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV111 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV111
Description  Operational Amplifier with Bias Network
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV111 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMV111 Datasheet HTML 1Page - National Semiconductor (TI) LMV111 Datasheet HTML 2Page - National Semiconductor (TI) LMV111 Datasheet HTML 3Page - National Semiconductor (TI) LMV111 Datasheet HTML 4Page - National Semiconductor (TI) LMV111 Datasheet HTML 5Page - National Semiconductor (TI) LMV111 Datasheet HTML 6Page - National Semiconductor (TI) LMV111 Datasheet HTML 7Page - National Semiconductor (TI) LMV111 Datasheet HTML 8Page - National Semiconductor (TI) LMV111 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
5V Electrical Characteristics (Continued)
Note 3: Shorting circuit output to V+ will adversely affect reliability.
Note 4: Shorting circuit output to V - will adversely affect reliability.
Note 5: The maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is
P D =(TJ(max)–TA)/θJA. All numbers apply for packages soldered directly into a PC board.
Note 6: Typical values represent the most likely parametric norm.
Note 7: All limits are guaranteed by testing or statistical analysis.
Note 8: Connected as voltage follower with 3V step input. Number specified is the slower of the positive and negative slew rates.
Typical Performance Characteristics (Unless otherwise specified, V
S = +5V, single supply, TA =
25˚C.)
Supply Current vs.
Supply Voltage
DS101262-1
Sourcing Current vs.
Output Voltage
DS101262-2
Sourcing Current vs.
Output Voltage
DS101262-3
Sinking Current vs.
Output Voltage
DS101262-4
Sinking Current vs.
Output Voltage
DS101262-5
Open Loop Frequency vs.
Response
DS101262-6
Open Loop Frequency vs.
Response
DS101262-7
Open Loop Frequency
Response vs. Temperature
DS101262-8
Gain and Phase vs.
Capacitive Load
DS101262-9
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com