Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV111 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV111
Description  Operational Amplifier with Bias Network
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV111 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  LMV111 Datasheet HTML 1Page - National Semiconductor (TI) LMV111 Datasheet HTML 2Page - National Semiconductor (TI) LMV111 Datasheet HTML 3Page - National Semiconductor (TI) LMV111 Datasheet HTML 4Page - National Semiconductor (TI) LMV111 Datasheet HTML 5Page - National Semiconductor (TI) LMV111 Datasheet HTML 6Page - National Semiconductor (TI) LMV111 Datasheet HTML 7Page - National Semiconductor (TI) LMV111 Datasheet HTML 8Page - National Semiconductor (TI) LMV111 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Typical Performance Characteristics (Unless otherwise specified, V
S = +5V, single supply, TA =
25˚C.) (Continued)
Application Section
The LMV111 integrates a rail-to-rail op amp and a V
+/2 bias
circuit into one ultra tiny package. With its small footprint and
reduced component count for bias network, it enables the
design of smaller portable electronic products, such as cellu-
lar phones, pagers, PDAs, PCMCIA cards, etc. In addition,
the integration solution minimizes printed circuit board stray
capacitance, and reduces the complexity of circuit design.
The core op amp of this family is National’s LMV321.
1.0 Supply Bypassing
The application circuits in this datasheet do not show the
power supply connections and the associated bypass ca-
pacitors for simplification. When the circuits are built, it is al-
ways required to have bypass capacitors. Ceramic disc ca-
pacitors (0.1µF) or solid tantalum (1µF) with short leads, and
located close to the IC are usually necessary to prevent in-
terstage coupling through the power supply internal imped-
ance. Inadequate bypassing will manifest itself by a low fre-
quency
oscillation
or
by
high
frequency
instabilities.
Sometimes, a 10µF (or larger) capacitor is used to absorb
low frequency variations and a smaller 0.1µF disc is paral-
leled across it to prevent any high frequency feedback
through the power supply lines.
2.0 Input Voltage Range
The input voltage should be within the supply rails. The ESD
protection circuitry at the input of the device includes a diode
between the input pin and the negative supply pin. Driving
the input more than 0.6V (at 25˚C) beyond the negative sup-
ply will turn on the diode and cause signal distortions.
3.0 Capacitive Load Tolerance
The LMV111 can directly drive 200pF capacitive load with
unity gain without oscillation. The unity-gain follower is the
most sensitive configuration to capacitive loading. Direct ca-
pacitive loading reduces the phase margin of amplifiers. The
combination of the amplifier’s output impedance and the ca-
pacitive load induces phase lag. This results in either an un-
derdamped pulse or oscillation. To drive a heavier capacitive
load, a resistive isolation can be used as shown in
Figure 1.
The isolation resistor R
iso and the CL form a pole to increase
stability by adding more phase margin to the overall system.
The desired performance depends on the value of R
iso.A
50
Ω to 100Ω isolation resistor is recommended for initial
evaluation. The bigger the R
iso resistor value, the more
stable V
OUT will be.
Output Voltage Swing vs.
Supply Voltage
DS101262-22
DS101262-23
FIGURE 1. Resistive Isolation of a Heavy Capacitive
Load
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com