Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV722M Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV722M
Description  10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV722M Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMV722M Datasheet HTML 1Page - National Semiconductor (TI) LMV722M Datasheet HTML 2Page - National Semiconductor (TI) LMV722M Datasheet HTML 3Page - National Semiconductor (TI) LMV722M Datasheet HTML 4Page - National Semiconductor (TI) LMV722M Datasheet HTML 5Page - National Semiconductor (TI) LMV722M Datasheet HTML 6Page - National Semiconductor (TI) LMV722M Datasheet HTML 7Page - National Semiconductor (TI) LMV722M Datasheet HTML 8Page - National Semiconductor (TI) LMV722M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 5V, V− = 0V, V
CM =V
+/2, V
O =V
+/2 and R
L > 1MΩ.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
Units
SR
Slew Rate
(Note 7)
5.25
V/µs
min
GBW
Gain-Bandwdth Product
10.0
MHz
Φ
m
Phase Margin
72
Deg
G
m
Gain Margin
−11
dB
e
n
Input-Related Voltage Noise
f = 1 kHz
8.5
i
n
Input-Referred Current Noise
f = 1 kHz
0.2
THD
Total Harmonic Distortion
f = 1kHz, A
V =1
R
L = 600Ω,VO =1VPP
0.001
%
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is in-
tended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model, 1.5 k
Ω in series with 100 pF. Machine model, 200Ω in series with 100 pF.
Note 3: Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in exceeding the
maximum allowed junction temperature of 150˚C. Output currents in excess of 30 mA over long term may adversely affect reliability.
Note 4: The maximum power dissipation is a function of TJ(max), θJA, and TA . The maximum allowable power dissipation at any ambient temperature is
P D =(TJ(max)–T A)/θJA. All numbers apply for packages soldered directly into a PC board.
Note 5: Typical Values represent the most likely parametric norm.
Note 6: All limits are guaranteed by testing or statistical analysis.
Note 7: Connected as voltage follower with 1V step input. Number specified is the slower of the positive and negative slew rate.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com