Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV722M Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV722M
Description  10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV722M Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMV722M Datasheet HTML 7Page - National Semiconductor (TI) LMV722M Datasheet HTML 8Page - National Semiconductor (TI) LMV722M Datasheet HTML 9Page - National Semiconductor (TI) LMV722M Datasheet HTML 10Page - National Semiconductor (TI) LMV722M Datasheet HTML 11Page - National Semiconductor (TI) LMV722M Datasheet HTML 12Page - National Semiconductor (TI) LMV722M Datasheet HTML 13Page - National Semiconductor (TI) LMV722M Datasheet HTML 14Page - National Semiconductor (TI) LMV722M Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Application Notes (Continued)
Here is a LMV721 used as a microphone preamplifier. Since the LMV721 is a low noise and low power op amp, it makes it an
ideal candidate as a battery powered microphone preamplifier. The LMV721 is connected in an inverting configuration. Resistors,
R
1 = R2 = 4.7kΩ, sets the reference half way between VCC = 3V and ground. Thus, this configures the op amp for single supply
use. The gain of the preamplifier, which is 50 (34dB), is set by resistors R
3 = 10kΩ and R4 = 500kΩ. The gain bandwidth product
for the LMV721 is 10 MHz. This is sufficient for most audio application since the audio range is typically from 20 Hz to 20kHz. A
resistor R
5 = 5kΩ is used to bias the electret microphone. Capacitors C1 = C2 = 4.7µF placed at the input and output of the op
amp to block out the DC voltage offset.
DS100922-44
FIGURE 11. A Battery Powered Microphone Preamplifier
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com