Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5210CSZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5210CSZ
Description  30MHz Rail-to-Rail Input-Output Op Amps
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5210CSZ Datasheet(HTML) 5 Page - Intersil Corporation

  EL5210CSZ Datasheet HTML 1Page - Intersil Corporation EL5210CSZ Datasheet HTML 2Page - Intersil Corporation EL5210CSZ Datasheet HTML 3Page - Intersil Corporation EL5210CSZ Datasheet HTML 4Page - Intersil Corporation EL5210CSZ Datasheet HTML 5Page - Intersil Corporation EL5210CSZ Datasheet HTML 6Page - Intersil Corporation EL5210CSZ Datasheet HTML 7Page - Intersil Corporation EL5210CSZ Datasheet HTML 8Page - Intersil Corporation EL5210CSZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
FN7185.2
May 6, 2005
NOTES:
1. Measured over operating temperature range
2. Slew rate is measured on rising and falling edges
3. NTSC signal generator used
Electrical Specifications
VS+ = 15V, VS- = 0V, RL = 1kΩ and CL = 12pF to 7.5V, TA = 25°C unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
VCM = 7.5V
3
15
mV
TCVOS
Average Offset Voltage Drift (Note 1)
7
µV/°C
IB
Input Bias Current
VCM = 7.5V
2
60
nA
RIN
Input Impedance
1G
Ω
CIN
Input Capacitance
2pF
CMIR
Common-Mode Input Range
-0.5
+15.5
V
CMRR
Common-Mode Rejection Ratio
for VIN from -0.5V to 15.5V
53
72
dB
AVOL
Open-Loop Gain
0.5V
≤ VOUT ≤ 14.5V
65
80
dB
OUTPUT CHARACTERISTICS
VOL
Output Swing Low
IL = -7.5mA
170
350
mV
VOH
Output Swing High
IL = 7.5mA
14.65
14.83
V
ISC
Short Circuit Current
±120
mA
IOUT
Output Current
±30
mA
POWER SUPPLY PERFORMANCE
PSRR
Power Supply Rejection Ratio
VS is moved from 4.5V to 15.5V
60
80
dB
IS
Supply Current (Per Amplifier)
No Load
2.5
3.75
mA
DYNAMIC PERFORMANCE
SR
Slew Rate (Note 2)
1V
≤ VOUT ≤ 14V, 20% o 80%
33
V/µs
tS
Settling to +0.1% (AV = +1)
(AV = +1), VO = 2V Step
140
ns
BW
-3dB Bandwidth
30
MHz
GBWP
Gain-Bandwidth Product
20
MHz
PM
Phase Margin
50
°
CS
Channel Separation
f = 5MHz
110
dB
dG
Differential Gain (Note 3)
RF = RG = 1kΩ and VOUT = 1.4V
0.10
%
dP
Differential Phase (Note 3)
RF = RG = 1kΩ and VOUT = 1.4V
0.11
°
EL5210, EL5410



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com