Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5210CSZ Datasheet(PDF) 12 Page - Intersil Corporation

Part # EL5210CSZ
Description  30MHz Rail-to-Rail Input-Output Op Amps
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5210CSZ Datasheet(HTML) 12 Page - Intersil Corporation

Back Button EL5210CSZ Datasheet HTML 5Page - Intersil Corporation EL5210CSZ Datasheet HTML 6Page - Intersil Corporation EL5210CSZ Datasheet HTML 7Page - Intersil Corporation EL5210CSZ Datasheet HTML 8Page - Intersil Corporation EL5210CSZ Datasheet HTML 9Page - Intersil Corporation EL5210CSZ Datasheet HTML 10Page - Intersil Corporation EL5210CSZ Datasheet HTML 11Page - Intersil Corporation EL5210CSZ Datasheet HTML 12Page - Intersil Corporation EL5210CSZ Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
FN7185.2
May 6, 2005
when sourcing, and
when sinking.
Where:
i = 1 to 2 for Dual and 1 to 4 for Quad
VS = Total Supply Voltage
ISMAX = Maximum Supply Current Per Amplifier
VOUTi = Maximum Output Voltage of the Application
ILOADi = Load current
If we set the two PDMAX equations equal to each other, we
can solve for RLOADi to avoid device overheat. Figure 3 and
Figure 4 provide a convenient way to see if the device will
overheat. The maximum safe power dissipation can be
found graphically, based on the package type and the
ambient temperature. By using the previous equation, it is a
simple matter to see if PDMAX exceeds the device's power
derating curves. To ensure proper operation, it is important
to observe the recommended derating curves shown in
Figure 3 and Figure 4.
FIGURE 3. PACKAGE POWER DISSIPATION VS AMBIENT
TEMPERATURE
FIGURE 4. PACKAGE POWER DISSIPATION VS AMBIENT
TEMPERATURE
Unused Amplifiers
It is recommended that any unused amplifiers in a dual and
a quad package be configured as a unity gain follower. The
inverting input should be directly connected to the output
and the non-inverting input tied to the ground plane.
Driving Capacitive Loads
The EL5210 and EL5410 can drive a wide range of
capacitive loads. As load capacitance increases, however,
the -3dB bandwidth of the device will decrease and the
peaking increase. The amplifiers drive 10pF loads in parallel
with 1k
Ω with just 1.2dB of peaking, and 100pF with 6.5dB of
peaking. If less peaking is desired in these applications, a
small series resistor (usually between 5
Ω and 50Ω) can be
placed in series with the output. However, this will obviously
reduce the gain slightly. Another method of reducing peaking
is to add a "snubber" circuit at the output. A snubber is a
shunt load consisting of a resistor in series with a capacitor.
Values of 150
Ω and 10nF are typical. The advantage of a
snubber is that it does not draw any DC load current or
reduce the gain.
Power Supply Bypassing and Printed Circuit
Board Layout
The EL5210 and EL5410 can provide gain at high
frequency. As with any high-frequency device, good printed
circuit board layout is necessary for optimum performance.
Ground plane construction is highly recommended, lead
lengths should be as short as possible and the power supply
pins must be well bypassed to reduce the risk of oscillation.
For normal single supply operation, where the VS- pin is
connected to ground, a 0.1µF ceramic capacitor should be
placed from VS+ to pin to VS- pin. A 4.7µF tantalum
capacitor should then be connected in parallel, placed in the
region of the amplifier. One 4.7µF capacitor may be used for
multiple devices. This same capacitor combination should
be placed at each supply pin to ground if split supplies are to
be used.
P
DMAX
ΣiV
[
S
I
SMAX
V
(
OUT iVS- )
I
LOADi
×
–
+
×]
=
50
150
400
800
Ambient Temperature (°C)
0
100
0
1200
25
75
1000
600
200
125
85
MAX TJ=125°C
TSSOP14
θJA=100°C/W
SO8
θJA=110°C/W
Packages Mounted on a JEDEC JESD51-7 High Effective
Thermal Conductivity Test Board
1.0W
1.136W
909mW
833mW
SO14
θJA=88°C/W
MSOP8
θJA=115°C/W
50
150
400
800
Ambient Temperature (°C)
0
100
0125
1200
25
75
1000
600
200
85
MAX TJ=125°C
TSSOP14
θJA=165°C/W
SO8
θJA=160°C/W
MSOP8
θJA=206°C/W
SO14
θJA=120°C/W
Packages Mounted on a JEDEC JESD51-3 Low Effective
Thermal Conductivity Test Board
833mW
606mW
625mW
485mW
EL5210, EL5410



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com