Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV358MM Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV358MM
Description  General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV358MM Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LMV358MM Datasheet HTML 10Page - National Semiconductor (TI) LMV358MM Datasheet HTML 11Page - National Semiconductor (TI) LMV358MM Datasheet HTML 12Page - National Semiconductor (TI) LMV358MM Datasheet HTML 13Page - National Semiconductor (TI) LMV358MM Datasheet HTML 14Page - National Semiconductor (TI) LMV358MM Datasheet HTML 15Page - National Semiconductor (TI) LMV358MM Datasheet HTML 16Page - National Semiconductor (TI) LMV358MM Datasheet HTML 17Page - National Semiconductor (TI) LMV358MM Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Application Notes (Continued)
In Figure 3 , the isolation resistor R
ISO and the load capacitor
C
L form a pole to increase stability by adding more phase
margin to the overall system. The desired performance de-
pends on the value of R
ISO. The bigger the RISO resistor
value, the more stable V
OUT will be. Figure 4 is an output
waveform of Figure 3 using 620
Ω for R
ISO and 510pF for CL..
The circuit in Figure 5 is an improvement to the one in Figure
3 because it provides DC accuracy as well as AC stability. If
there were a load resistor in Figure 3, the output would be
voltage divided by R
ISO and the load resistor. Instead, in
Figure 5,R
F
provides the DC accuracy by using feed-
forward techniques to connect V
IN to RL. Caution is needed
in choosing the value of R
F due to the input bias current of
the LMV321/358/324. C
F and RISO serve to counteract the
loss of phase margin by feeding the high frequency compo-
nent of the output signal back to the amplifier’s inverting
input, thereby preserving phase margin in the overall feed-
back loop. Increased capacitive drive is possible by increas-
ing the value of C
F . This in turn will slow down the pulse
response.
3.0 INPUT BIAS CURRENT CANCELLATION
The LMV321/358/324 family has a bipolar input stage. The
typical input bias current of LMV321/358/324 is 15nA with 5V
supply. Thus a 100k
Ω input resistor will cause 1.5mV of error
voltage. By balancing the resistor values at both inverting
and non-inverting inputs, the error caused by the amplifier’s
input bias current will be reduced. The circuit in Figure 6
shows how to cancel the error caused by input bias current.
4.0 TYPICAL SINGLE-SUPPLY APPLICATION CIRCUITS
4.1 Difference Amplifier
The difference amplifier allows the subtraction of two volt-
ages or, as a special case, the cancellation of a signal
common to two inputs. It is useful as a computational ampli-
fier, in making a differential to single-ended conversion or in
rejecting a common mode signal.
4.2 Instrumentation Circuits
The input impedance of the previous difference amplifier is
set by the resistors R
1,R2,R3, and R4. To eliminate the
problems of low input impedance, one way is to use a
voltage follower ahead of each input as shown in the follow-
ing two instrumentation amplifiers.
Time (2
µs/div)
10006099
FIGURE 4. Pulse Response of the LMV324 Circuit in
Figure 3
10006005
FIGURE 5. Indirectly Driving A Capacitive Load with
DC Accuracy
10006006
FIGURE 6. Cancelling the Error Caused by Input Bias
Current
10006007
10006019
FIGURE 7. Difference Amplifier
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com