Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV358MM Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV358MM
Description  General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV358MM Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LMV358MM Datasheet HTML 16Page - National Semiconductor (TI) LMV358MM Datasheet HTML 17Page - National Semiconductor (TI) LMV358MM Datasheet HTML 18Page - National Semiconductor (TI) LMV358MM Datasheet HTML 19Page - National Semiconductor (TI) LMV358MM Datasheet HTML 20Page - National Semiconductor (TI) LMV358MM Datasheet HTML 21Page - National Semiconductor (TI) LMV358MM Datasheet HTML 22Page - National Semiconductor (TI) LMV358MM Datasheet HTML 23Page - National Semiconductor (TI) LMV358MM Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Application Notes (Continued)
4.6 CURRENT SOURCE AND SINK
The LMV321/358/324 can be used in feedback loops which
regulate the current in external PNP transistors to provide
current sources or in external NPN transistors to provide
current sinks.
4.6.1 Fixed Current Source
A multiple fixed current source is show in Figure 20.A
voltage (V
REF = 2V) is established across resistor R3 by the
voltage divider (R
3 and R 4). Negative feedback is used to
cause the voltage drop across R
1 to be equal to VREF. This
controls the emitter current of transistor Q
1 and if we neglect
the base current of Q
1 and Q2, essentially this same current
is available out of the collector of Q
1.
Large input resistors can be used to reduce current loss and
a Darlington connection can be used to reduce errors due to
the
β of Q
1.
The resistor, R
2, can be used to scale the collector current of
Q
2 either above or below the 1mA reference value.
4.6.2 High Compliance Current Sink
A current sink circuit is shown in Figure 21. The circuit
requires only one resistor (R
E) and supplies an output cur-
rent which is directly proportional to this resistor value.
4.7 POWER AMPLIFIER
A power amplifier is illustrated in Figure 22. This circuit can
provide a higher output current because a transistor follower
is added to the output of the op amp.
4.8 LED DRIVER
The LMV321/358/324 can be used to drive an LED as shown
in Figure 23.
10006076
FIGURE 19. Squarewave Generator
10006080
FIGURE 20. Fixed Current Source
10006082
FIGURE 21. High Compliance Current Sink
10006079
FIGURE 22. Power Amplifier
10006084
FIGURE 23. LED Driver
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com